Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCME0E157TRF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TMCME0E157TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCME0E157TRF Datasheet(HTML) 3 Page - Vishay Siliconix

  TMCME0E157TRF Datasheet HTML 1Page - Vishay Siliconix TMCME0E157TRF Datasheet HTML 2Page - Vishay Siliconix TMCME0E157TRF Datasheet HTML 3Page - Vishay Siliconix TMCME0E157TRF Datasheet HTML 4Page - Vishay Siliconix TMCME0E157TRF Datasheet HTML 5Page - Vishay Siliconix TMCME0E157TRF Datasheet HTML 6Page - Vishay Siliconix TMCME0E157TRF Datasheet HTML 7Page - Vishay Siliconix TMCME0E157TRF Datasheet HTML 8Page - Vishay Siliconix TMCME0E157TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
3
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Marking code repeats every four years in alphabetical order (letter of I, i, O, and o are excluded)
DATE CODE
YEAR
MONTH
123456789
10
11
12
2013
A
B
C
D
E
F
G
H
J
K
L
M
2014
N
P
Q
R
S
T
U
V
W
X
Y
Z
2015
a
b
c
d
e
f
g
h
j
k
l
m
2016
n
p
q
r
s
t
u
v
w
x
y
z
2017
A
B
C
D
E
F
G
H
J
K
L
M
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2019
a
b
c
d
e
f
g
h
j
k
l
m
2020
n
p
q
r
s
t
u
v
w
x
y
z
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
2.5 VDC AT +85 °C, 1.6 VDC AT +125 °C
6.8
A
TMCMA0E685(1)TRF
0.5
6
4.0
0.140
10
A
TMCMA0E106(1)TRF
0.5
8
2.0
0.197
15
A
TMCMA0E156(1)TRF
0.5
8
2.9
0.164
22
A
TMCMA0E226(1)TRF
0.6
8
2.0
0.197
22
B
TMCMB0E226(1)TRF
0.6
8
1.1
0.295
33
A
TMCMA0E336(1)TRF
0.8
8
2.0
0.197
33
B
TMCMB0E336(1)TRF
0.8
8
1.1
0.295
47
A
TMCMA0E476(1)TRF
1.2
12
2.0
0.197
47
B
TMCMB0E476(1)TRF
1.2
8
1.1
0.295
68
A
TMCMA0E686(1)TRF
1.7
18
2.0
0.197
68
B
TMCMB0E686(1)TRF
1.7
8
1.1
0.295
68
C
TMCMC0E686(1)TRF
1.7
8
1.1
0.302
100
A
TMCMA0E107(1)TRF
5.0
18
1.1
0.266
100
B
TMCMB0E107(1)TRF
2.5
12
1.1
0.295
100
C
TMCMC0E107(1)TRF
2.5
8
1.1
0.302
150
A
TMCMA0E157(1)TRF
7.5
30
1.8
0.208
150
B
TMCMB0E157(1)TRF
3.8
18
1.1
0.295
150
C
TMCMC0E157(1)TRF
3.8
8
1.1
0.302
150
E
TMCME0E157(1)TRF
3.8
8
0.3
0.632
220
A
TMCMA0E227(1)TRF
27.5
30
1.8
0.208
220
B
TMCMB0E227(1)TRF
5.5
18
1.1
0.295
220
C
TMCMC0E227(1)TRF
5.5
8
1.1
0.302
220
E
TMCME0E227(1)TRF
5.5
8
0.3
0.632
330
B
TMCMB0E337(1)TRF
16.5
30
1.1
0.295
330
C
TMCMC0E337(1)TRF
8.3
18
1.1
0.302
330
E
TMCME0E337(1)TRF
8.3
10
0.3
0.632
470
B
TMCMB0E477MTRF
58.8
30
1.1
0.295
470
C
TMCMC0E477(1)TRF
11.8
18
1.1
0.302
470
E
TMCME0E477(1)TRF
11.8
10
0.2
0.775
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCME0E157TRF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMCME0E157 ETC-TMCME0E157 Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCME0E157TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TMCP VISHAY-TMCP Datasheet
243Kb / 12P
   Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Revision: 16-Jan-17
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com