Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3A476K004C0500 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TR3A476K004C0500
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3A476K004C0500 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TR3A476K004C0500 Datasheet HTML 2Page - Vishay Siliconix TR3A476K004C0500 Datasheet HTML 3Page - Vishay Siliconix TR3A476K004C0500 Datasheet HTML 4Page - Vishay Siliconix TR3A476K004C0500 Datasheet HTML 5Page - Vishay Siliconix TR3A476K004C0500 Datasheet HTML 6Page - Vishay Siliconix TR3A476K004C0500 Datasheet HTML 7Page - Vishay Siliconix TR3A476K004C0500 Datasheet HTML 8Page - Vishay Siliconix TR3A476K004C0500 Datasheet HTML 9Page - Vishay Siliconix TR3A476K004C0500 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 26-Oct-17
6
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
22
A
TR3A226(1)6R3(2)3000
1.4
6
3.000
0.16
22
A
TR3A226(1)6R3(2)2000
1.4
6
2.000
0.19
22
A
TR3A226(1)6R3(2)1000
1.4
6
1.000
0.27
22
A
TR3A226(1)6R3(2)0900
1.4
6
0.900
0.29
22
B
TR3B226(1)6R3(2)0600
1.4
6
0.600
0.38
22
C
TR3C226(1)6R3(2)0500
1.3
6
0.500
0.47
33
A
TR3A336(1)6R3(2)2000
2.0
14
2.000
0.19
33
A
TR3A336(1)6R3(2)0800
2.0
14
0.800
0.31
33
A
TR3A336(1)6R3(2)0600
2.0
14
0.600
0.35
33
B
TR3B336(1)6R3(2)0450
2.0
6
0.450
0.43
33
B
TR3B336(1)6R3(2)0350
2.0
6
0.350
0.49
33
B
TR3B336(1)6R3(2)0600
2.0
6
0.600
0.38
33
B
TR3B336(1)6R3(2)0500
2.0
6
0.500
0.41
47
A
TR3A476(1)6R3(2)0800
3.0
12
0.800
0.31
47
B
TR3B476(1)6R3(2)0550
3.0
6
0.550
0.39
47
B
TR3B476(1)6R3(2)0500
3.0
6
0.500
0.41
47
B
TR3B476(1)6R3(2)0350
3.0
6
0.350
0.49
47
B
TR3B476(1)6R3(2)0250
3.0
6
0.250
0.58
47
C
TR3C476(1)6R3(2)0300
3.0
6
0.300
0.61
47
C
TR3C476(1)6R3(2)0250
3.0
6
0.250
0.66
68
B
TR3B686(1)6R3(2)0650
4.3
6
0.650
0.36
68
B
TR3B686(1)6R3(2)0550
4.3
6
0.550
0.39
68
B
TR3B686(1)6R3(2)0500
4.3
6
0.500
0.41
68
B
TR3B686(1)6R3(2)0350
4.3
6
0.350
0.49
68
B
TR3B686(1)6R3(2)0250
4.3
6
0.250
0.58
68
C
TR3C686(1)6R3(2)0275
4.3
6
0.275
0.63
68
C
TR3C686(1)6R3(2)0250
4.3
6
0.250
0.66
68
C
TR3C686(1)6R3(2)0200
4.3
6
0.200
0.74
68
D
TR3D686(1)6R3(4)0200
4.3
6
0.200
0.87
68
D
TR3D686(1)6R3(4)0175
4.3
4
0.175
0.93
100
B
TR3B107(1)6R3(2)1500
6.3
15
1.500
0.24
100
B
TR3B107(1)6R3(2)0500
6.3
15
0.500
0.41
100
B
TR3B107(1)6R3(2)0400
6.3
15
0.400
0.46
100
B
TR3B107(1)6R3(2)0250
6.3
15
0.250
0.58
100
C
TR3C107(1)6R3(2)0300
6.3
6
0.300
0.61
100
C
TR3C107(1)6R3(2)0250
6.3
6
0.250
0.66
100
C
TR3C107(1)6R3(2)0150
6.3
6
0.150
0.86
100
C
TR3C107(1)6R3(2)0125
6.3
6
0.125
0.94
100
C
TR3C107(1)6R3(2)0100
6.3
6
0.100
1.05
100
D
TR3D107(1)6R3(4)0150
6.3
6
0.150
1.00
100
D
TR3D107(1)6R3(4)0140
6.3
6
0.140
1.04
100
V
TR3V107(1)6R3(5)0200
6.3
8
0.200
0.79
100
V
TR3V107(1)6R3(5)0150
6.3
8
0.150
0.91
150
C
TR3C157(1)6R3(2)0300
9.4
8
0.300
0.61
150
C
TR3C157(1)6R3(2)0200
9.4
8
0.200
0.74
150
D
TR3D157(1)6R3(4)0150
9.4
8
0.150
1.00
150
D
TR3D157(1)6R3(4)0125
9.4
8
0.125
1.10
150
D
TR3D157(1)6R3(4)0075
9.4
8
0.075
1.41
150
D
TR3D157(1)6R3(4)0070
9.4
8
0.070
1.46
150
D
TR3D157(1)6R3(5)0050
9.4
8
0.050
1.73
150
E
TR3E157(1)6R3(4)0100
9.4
8
0.100
1.28
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
Note
• Part number definitions:
(1) Capacitance tolerance codes: K, M
(2) Terminations and packaging codes: C, D, E, F
(3) Lead (Pb)-free terminations and packaging codes: C, D
(4) Terminations and packaging codes: C, D, E, F, U, V, T, W
(5) Lead (Pb)-free terminations and packaging codes: C, D, V, U


Similar Part No. - TR3A476K004C0500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3A476 VISHAY-TR3A476 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3A4760040500 VISHAY-TR3A4760040500 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3A4760040800 VISHAY-TR3A4760040800 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3A476100420500 VISHAY-TR3A476100420500 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3A476100420800 VISHAY-TR3A476100420800 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results

Similar Description - TR3A476K004C0500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_17 Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
593D VISHAY-593D_V01 Datasheet
477Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
01-Mar-2023
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com