Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCRB1A156TRF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TMCRB1A156TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCRB1A156TRF Datasheet(HTML) 4 Page - Vishay Siliconix

  TMCRB1A156TRF Datasheet HTML 1Page - Vishay Siliconix TMCRB1A156TRF Datasheet HTML 2Page - Vishay Siliconix TMCRB1A156TRF Datasheet HTML 3Page - Vishay Siliconix TMCRB1A156TRF Datasheet HTML 4Page - Vishay Siliconix TMCRB1A156TRF Datasheet HTML 5Page - Vishay Siliconix TMCRB1A156TRF Datasheet HTML 6Page - Vishay Siliconix TMCRB1A156TRF Datasheet HTML 7Page - Vishay Siliconix TMCRB1A156TRF Datasheet HTML 8Page - Vishay Siliconix TMCRB1A156TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TMCR
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
4
Document Number: 40181
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
20 VDC AT +85 °C; 13 VDC AT +125 °C
10
C
TMCRC1D106(1)TRF
2.0
6
0.60
0.400
15
C
TMCRC1D156(1)TRF
3.0
6
0.50
0.440
22
E
TMCRE1D226(1)TRF
4.4
6
0.35
0.580
33
E
TMCRE1D336(1)TRF
6.6
6
0.30
0.630
47
E
TMCRE1D476(1)TRF
9.4
6
0.20
0.770
25 VDC AT +85 °C; 16 VDC AT +125 °C
10
E
TMCRE1E106(1)TRF
2.5
6
0.30
0.630
15
E
TMCRE1E156(1)TRF
3.8
6
0.30
0.630
22
E
TMCRE1E226(1)TRF
5.5
6
0.30
0.630
33
E
TMCRE1E336(1)TRF
8.3
6
0.30
0.630
35 VDC AT +85 °C; 22 VDC AT +125 °C
10
E
TMCRE1V106(1)TRF
3.5
6
0.30
0.630
15
E
TMCRE1V156(1)TRF
5.3
6
0.30
0.630
22
E
TMCRE1V226(1)TRF
7.7
6
0.50
0.490
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
7.0
3.5
10
5.0
16
8.0
20
10.0
25
12.5
35
17.5
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
B
0.096
C
0.100
E
0.120
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
B
2000
C
500
E
500
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”


Similar Part No. - TMCRB1A156TRF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCRB1A156KTR HITACHI-TMCRB1A156KTR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
TMCRB1A156MTR HITACHI-TMCRB1A156MTR Datasheet
189Kb / 3P
   Low ESR Tantalum Chip Capacitors
More results

Similar Description - TMCRB1A156TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com