Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR8P227M2R5C1500 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TR8P227M2R5C1500
Description  Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR8P227M2R5C1500 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TR8P227M2R5C1500 Datasheet HTML 7Page - Vishay Siliconix TR8P227M2R5C1500 Datasheet HTML 8Page - Vishay Siliconix TR8P227M2R5C1500 Datasheet HTML 9Page - Vishay Siliconix TR8P227M2R5C1500 Datasheet HTML 10Page - Vishay Siliconix TR8P227M2R5C1500 Datasheet HTML 11Page - Vishay Siliconix TR8P227M2R5C1500 Datasheet HTML 12Page - Vishay Siliconix TR8P227M2R5C1500 Datasheet HTML 13Page - Vishay Siliconix TR8P227M2R5C1500 Datasheet HTML 14Page - Vishay Siliconix TR8P227M2R5C1500 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micro Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
7
Document Number: 40115
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• At +25 °C, the leakage current shall not exceed the value listed in the Standard Ratings table
• At +85 °C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings table
• At +125 °C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings table
TYPICAL LEAKAGE CURRENT FACTOR RANGE
TYPICAL CURVES AT +25 °C, IMPEDANCE AND ESR VS. FREQUENCY
100
10
1.0
0.1
0.01
0.001
010
40
70
80
90
60
50
20
30
100
+ 125 °C
+ 85 °C
+ 55 °C
+ 25 °C
0 °C
- 55 °C
PERCENT OF RATED VOLTAGE
1
10
100
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
22 μF - 4 V
IMPEDANCE
ESR
0.1
1
10
100
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
47 μF - 4 V
IMPEDANCE
ESR
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
10 μF - 6 V
IMPEDANCE
ESR
0.1
1
10
100
1000
0.1
1
10
100
1000
FREQUENCY, kHz
“M” Case
4.7 μF - 10 V
IMPEDANCE
ESR


Similar Part No. - TR8P227M2R5C1500

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TR8 TRSYS-TR8 Datasheet
146Kb / 5P
   SILICON TRIACS
logo
Vishay Siliconix
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
logo
Everlight Electronics C...
TR8 EVERLIGHT-TR8 Datasheet
221Kb / 10P
   High Performance SMD White LED with Reflector
logo
Transys Electronics
TR8-400-70 TRSYS-TR8-400-70 Datasheet
146Kb / 5P
   SILICON TRIACS
TR8-600-70 TRSYS-TR8-600-70 Datasheet
146Kb / 5P
   SILICON TRIACS
More results

Similar Description - TR8P227M2R5C1500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
TP8 VISHAY-TP8 Datasheet
431Kb / 17P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Revision: 11-May-16
TR8 VISHAY-TR8 Datasheet
138Kb / 9P
   Solid Tantalum Chip Capacitors MICROTANTM Low ESR, Leadframeless Molded
Revision: 09-Aug-11
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com