Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP8M105M010C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TP8M105M010C
Description  Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Automotive Grade
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP8M105M010C Datasheet(HTML) 4 Page - Vishay Siliconix

  TP8M105M010C Datasheet HTML 1Page - Vishay Siliconix TP8M105M010C Datasheet HTML 2Page - Vishay Siliconix TP8M105M010C Datasheet HTML 3Page - Vishay Siliconix TP8M105M010C Datasheet HTML 4Page - Vishay Siliconix TP8M105M010C Datasheet HTML 5Page - Vishay Siliconix TP8M105M010C Datasheet HTML 6Page - Vishay Siliconix TP8M105M010C Datasheet HTML 7Page - Vishay Siliconix TP8M105M010C Datasheet HTML 8Page - Vishay Siliconix TP8M105M010C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TP8
www.vishay.com
Vishay Sprague
Revision: 11-May-16
4
Document Number: 40151
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Exception: Instead of Solder Bath/Dip and Look Test (J-STD-002, method B at 215 °C, category 3) was performed “Method 2 - Surface
Mount Process Simulation Test” per JESD22-B102E as specified in AEC-Q005 REV-A.
AEC-Q200 QUALIFICATION TESTING
NO.
AEC-Q200 TEST ITEM
REFERENCE
1
Pre- and post stress electrical test
Internal spec
3
High temperature exposure (storage)
AEC-Q200
4
Temperature cycling
AEC-Q200
7
Biased humidity
AEC-Q200
8
Operational life
AEC-Q200
9
External visual
AEC-Q200
10
Physical dimension
AEC-Q200
12
Resistance to solvents
AEC-Q200
13
Mechanical shock
AEC-Q200
14
Vibration
AEC-Q200
15
Resistance to soldering heat
AEC-Q200
17
ESD
AEC-Q200
18
Solderability (1)
AEC-Q200
19
Electrical characterization
Internal spec
22
Terminal strength (SMD)
AEC-Q200
STANDARD PACKAGING QUANTITY
CASE CODE
QUANTITY (pcs/reel)
7" REEL
M
4000
W
2500
R
2500
P
3000
A
2000
N
2500
T
2500
B
2000
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE
POWER DISSIPATION AT +25 °C (W) IN FREE AIR
M
0.025
W
0.040
R
0.045
P
0.045
A
0.075
N
0.075
T
0.084
B
0.085
PRODUCT INFORMATION
Micro Guide
www.vishay.com/doc?40115
Moisture Sensitivity
www.vishay.com/doc?40135
SELECTOR GUIDES
Solid Tantalum Selector Guide
www.vishay.com/doc?49053
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110


Similar Part No. - TP8M105M010C

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
logo
TiMOTION Technology Co....
TP8 TIMOTION-TP8 Datasheet
492Kb / 4P
   Operational temperature range 5°C~45°C
20220209-F
logo
List of Unclassifed Man...
TP80 ETC2-TP80 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP80 ETC2-TP80 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Shenzhen Tianyuan Semic...
TP8005 TPOWER-TP8005 Datasheet
565Kb / 7P
   36V/1.2A high dimming ratio LED driver
More results

Similar Description - TP8M105M010C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TL8 VISHAY-TL8 Datasheet
415Kb / 16P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 11-May-16
TL8A0227M004C VISHAY-TL8A0227M004C Datasheet
130Kb / 10P
   Solid Tantalum Chip Capacitors, MICROTAN® , High CV Leadframeless Molded Low Profile
Revision: 15-Jan-13
TR8M106M010C2000 VISHAY-TR8M106M010C2000 Datasheet
142Kb / 10P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 21-Mar-13
TR8 VISHAY-TR8_17 Datasheet
408Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® Low ESR, Leadframeless Molded
Revision: 18-Jul-17
DLA11020 VISHAY-DLA11020 Datasheet
406Kb / 16P
   Solid Tantalum Chip Capacitors MICROTAN® DLA Approved, Leadframeless Molded
Revision: 18-May-16
298D VISHAY-298D_17 Datasheet
419Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN® , Leadframeless Molded
Revision: 18-Jul-17
298D VISHAY-298D_V01 Datasheet
485Kb / 18P
   Solid Tantalum Chip Capacitors 298D MICROTAN®, 298W Extended Range MICROTAN®, Leadframeless Molded
01-Jan-2022
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D Datasheet
156Kb / 7P
   Solid Tantalum Chip Capacitors MICROTAN™ Lead Frameless Molded
Revision: 22-Oct-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com