Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCSB0J685TRF Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TMCSB0J685TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCSB0J685TRF Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TMCSB0J685TRF Datasheet HTML 4Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 5Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 6Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 7Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 8Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 9Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 10Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 11Page - Vishay Siliconix TMCSB0J685TRF Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Molded Guide
www.vishay.com
Vishay Polytech
Revision: 11-Apr-16
6
Document Number: 40218
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED REFLOW PROFILES
Capacitors should withstand reflow profile as per J-STD-020 standard
PROFILE FEATURE
LEAD (Pb)-FREE ASSEMBLY
Preheat / soak
Temperature min. (Ts min.)
130 °C
Temperature max. (Ts max.)
160 °C
Time (ts) from (Ts min. to Ts max.)
60 s to 120 s
Ramp-up
Ramp-up rate (TL to Tp)
3 °C/s max.
Liquidus temperature (TL)
200 °C
Time (tL) maintained above TL
50 s max.
Peak package body temperature (Tp) max.
Depends on case size - see table below
Time (tp) within 5 °C of the peak maximum temperature
10 s max.
Ramp-down rate (Tp to TL)
6 °C/s max.
Time from 25 °C to peak temperature
8 min max.
PEAK PACKAGE BODY TEMPERATURE (Tp)
CASE CODE
PEAK PACKAGE BODY TEMPERATURE (Tp)
LEAD (Pb)-FREE PROCESS
J, P, UA, A, UB, B, C
260 °C
E, F
250 °C
PAD DIMENSIONS in millimeters
CASE /
DIMENSIONS
CAPACITOR SIZE
PAD DIMENSIONS
L
W
G (max.)
Z (min.)
X (min.)
Y (Ref.)
J
1.6
0.8
0.7
2.5
1.0
0.9
P
2.0
1.25
0.5
2.6
1.2
1.05
UA, A
3.2
1.6
1.1
3.8
1.5
1.35
UB, B
3.5
2.8
1.4
4.1
2.7
1.35
C
5.8
3.2
2.9
6.9
2.7
2.0
E
7.3
4.3
4.1
8.2
2.9
2.05
F
7.3
5.8
4.1
8.2
4.0
2.05
25
TIME (s)
t
s
t
L
Time 25 °C to peak
T
L
T
p
T
C - 5 °C
t
p
T
s max.
T
s min.
Preheat area
Max. ramp-up rate = 3 °C/s
Max. ramp-down rate = 6 °C/s
Capacitor
Pattern
L
Y
Z
G
XW


Similar Part No. - TMCSB0J685TRF

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TMCSB0J685 HITACHI-TMCSB0J685 Datasheet
66Kb / 2P
   Standard Tantalum Chip Capacitors
logo
HolyStone International
TMCSB0J685 HOLYSTONECAPS-TMCSB0J685 Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCSB0J685TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D107X9020E2TE3 VISHAY-293D107X9020E2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D225X9020B2TE3 VISHAY-293D225X9020B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT , Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D105X9035B2T VISHAY-293D105X9035B2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D157X0016E2TE3 VISHAY-293D157X0016E2TE3 Datasheet
469Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 18-Mar-14
293D475X9025C2T VISHAY-293D475X9025C2T Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 04-Jul-13
293D106X9025D2TE3 VISHAY-293D106X9025D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D106X9035D2TE3 VISHAY-293D106X9035D2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
293D336X9010B2TE3 VISHAY-293D336X9010B2TE3 Datasheet
466Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 12-Feb-14
293D226X9010B2TE3 VISHAY-293D226X9010B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com