Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCRE0J107TRF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TMCRE0J107TRF
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCRE0J107TRF Datasheet(HTML) 2 Page - Vishay Siliconix

  TMCRE0J107TRF Datasheet HTML 1Page - Vishay Siliconix TMCRE0J107TRF Datasheet HTML 2Page - Vishay Siliconix TMCRE0J107TRF Datasheet HTML 3Page - Vishay Siliconix TMCRE0J107TRF Datasheet HTML 4Page - Vishay Siliconix TMCRE0J107TRF Datasheet HTML 5Page - Vishay Siliconix TMCRE0J107TRF Datasheet HTML 6Page - Vishay Siliconix TMCRE0J107TRF Datasheet HTML 7Page - Vishay Siliconix TMCRE0J107TRF Datasheet HTML 8Page - Vishay Siliconix TMCRE0J107TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TMCR
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
2
Document Number: 40181
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Case size / ESR (
) at 20 °C, 100 kHz
RATINGS AND CASE CODES
μF
7 V
10 V
16 V
20 V
25 V
35 V
10
B (0.7)
B (0.7)
B (0.6)
C (0.6)
E (0.3)
E (0.3)
15
B (0.6)
B (0.6)
C (0.5)
C (0.5)
E (0.3)
E (0.3)
22
B (0.5)
C (0.5)
C (0.4)
E (0.35)
E (0.3)
E (0.5)
33
C (0.35)
C (0.35)
E (0.25)
E (0.3)
E (0.3)
47
C (0.35)
E (0.25)
E (0.2)
E (0.2)
68
E (0.2)
E (0.2)
E (0.15)
100
E (0.15)
E (0.1)
E (0.1)
150
E (0.1)
E (0.1)
220
E (0.1)
E (0.1)
330
E (0.1)
E (0.15)
MARKING
SIMPLIFIED VOLTAGE CODES, CASE B
VOLTAGE (V)
CODE
7J
10
A
16
C
20
D
25
E
35
V
SIMPLIFIED CAP CODES, CASE B
CAPACITANCE (μF)
CODE
10
A7
15
E7
22
J7
33
N7
47
S7
68
W7
100
A8
150
E8
220
J8
330
N8
CA7A
Simplified code of nominal
capacitance (A7: 10 µF)
Anode indication belt mark
B Case
Date code
Simplified code of rated
voltage (C: 16 V)
15
16A
C, E Case
Date code
Anode indication belt mark
Rated voltage (16 V)
Nominal capacitance value (15 µF)


Similar Part No. - TMCRE0J107TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCRE0J107M HOLYSTONECAPS-TMCRE0J107M Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCRE0J107TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
TR3V107K010C0150 VISHAY-TR3V107K010C0150 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 26-Jun-13
TR3A106K016C1700 VISHAY-TR3A106K016C1700 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com