Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCP0G336TRF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TMCP0G336TRF
Description  Solid Tantalum Surface Mount Chip CapacitorsSolid Tantalum Surface Mount Chip Capacitors, Molded Case, 0805 Size
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCP0G336TRF Datasheet(HTML) 4 Page - Vishay Siliconix

  TMCP0G336TRF Datasheet HTML 1Page - Vishay Siliconix TMCP0G336TRF Datasheet HTML 2Page - Vishay Siliconix TMCP0G336TRF Datasheet HTML 3Page - Vishay Siliconix TMCP0G336TRF Datasheet HTML 4Page - Vishay Siliconix TMCP0G336TRF Datasheet HTML 5Page - Vishay Siliconix TMCP0G336TRF Datasheet HTML 6Page - Vishay Siliconix TMCP0G336TRF Datasheet HTML 7Page - Vishay Siliconix TMCP0G336TRF Datasheet HTML 8Page - Vishay Siliconix TMCP0G336TRF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TMCP
www.vishay.com
Vishay Polytech
Revision: 16-Jan-17
4
Document Number: 40179
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Test conditions per JIS C5101-1
POWER DISSIPATION
CASE CODE
MAXIMUM PERMISSIBLE POWER DISSIPATION AT +25 °C (W) IN FREE AIR
P
0.064
STANDARD PACKAGING QUANTITY
CASE CODE
UNITS PER 7" REEL
P
3000
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Temperature
characteristics
Measure the specified characteristics in
each stage
Specified
initial value
-55 °C
+85 °C
+125 °C
Capacitance
change
-
-20 % to 0 %
0 % to +20 %
0 % to +20 %
Dissipation
factor (%)
610
8
10
812
10
12
10
14
12
14
12
16
14
16
20
24
22
24
30
60
30
40
Leakage
current
Refer to
Standard
Ratings
table
-
1000 %
specified
intial value
or less
1250 %
specified
intial value
or less
Solder heat
resistance
Solder dip:
260 °C ± 5 °C 10 s ± 1 s
Reflow:
260 °C 10 s ± 1 s
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Initial specified value or less
Moisture
resistance
no load
Leave at 40 °C and
90 % to 95 % RH for 500 h
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Shall not exceed 150 % of initial specified value
Leakage current
Initial specified value or less
High
temperature
load
85 °C. The rated voltage is applied for
2000 h
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Shall not exceed 200 % of initial specified value
Thermal shock
Leave at -55 °C, normal temperature,
125 °C, and normal temperature for
30 min, 3 min, 30 min, and 3 min.
Repeat this operation 5 times running
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Initial specified value or less
Leakage current
Initial specified value or less
Moisture
resistance
load
Leave at 40 °C and 90 % to 95 % RH
The rated voltage is applied for 500 h
Capacitance change
Within ± 20 % of initial value or less
Dissipation factor
Shall not exceed 150 % of initial specified value
Leakage current
Shall not exceed 200 % of initial specified value
Failure rate
85 °C. The rated voltage is applied
through a protective resistor of 1
/V.
1 % / 1000 h


Similar Part No. - TMCP0G336TRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMCP0G336 HOLYSTONECAPS-TMCP0G336 Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - TMCP0G336TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCJ VISHAY-TMCJ Datasheet
241Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors Molded Case, 0603 Size
Revision: 16-Jan-17
TMCH VISHAY-TMCH Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
TMCM VISHAY-TMCM Datasheet
275Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
Revision: 26-Oct-17
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
TMCS VISHAY-TMCS Datasheet
246Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Standard Industrial Grade
Revision: 26-Oct-17
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com