Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS-2042TX Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # IPS-2042TX
Description  Industrial 6-port lite-managed PoE Ethernet Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IPS-2042TX Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  IPS-2042TX Datasheet HTML 1Page - ORing Industrial Networking Corp IPS-2042TX Datasheet HTML 2Page - ORing Industrial Networking Corp IPS-2042TX Datasheet HTML 3Page - ORing Industrial Networking Corp IPS-2042TX Datasheet HTML 4Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
www.oring-networking.com
1-388
Dimensions
(Unit=mm)
ORing Switch Model
IPS-2042TX
IPS-2042FX-MM-SC
IPS-2042FX-SS-SC
Physical Ports
10/100Base-T(X) Ports in RJ45 Auto MDI/MDIX with
P.S.E.
4
4
4
10/100Base-T(X) Ports in RJ45 Auto MDI/MDIX
without P.S.E.
2
-
-
Fiber Ports
Specifications
Fiber Ports Number
-
2
2
Fiber Ports standard
-
100Base-FX
100Base-FX
Fiber Mode
-
Multi-mode
Single-mode
Fiber Diameter (µm)
-
62.5/125 µm
50/125 µm
9/125 µm
Fiber Optical Connector
-
SC
SC
Typical Distance (km)
-
2 km
30 km
Wavelength (nm)
-
1310 nm
1310 nm
Max. Output Optical Power
(dBm)
-
-14 dBm
-8 dBm
Min. Output Optical Power
(dBm)
-
-23.5 dBm
-15 dBm
Max. Input Optical Power
(Saturation)
-
0 dBm
0 dBm
Min. Input Optical Power
(Sensitivity)
-
-31 dBm
-34 dBm
Link Budget (dB)
-
7.5 dB
19 dB
Specifications
Industrial Ethernet Switch DIN-Rail Lite-Managed Fast PoE Ethernet Switch
PoE Pin Definition
v1.51 / Dec, 2011
RJ-45 Pin Definition
Pin No.
Description
#5
PoE Power input +
#6
RD-
#7
PoE Power input -
#8
PoE Power input -
RJ-45 Pin Definition
Pin No.
Description
#1
TD+
#2
TD-
#3
RD+
#4
PoE Power input +


Similar Part No. - IPS-2042TX

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IPS-2042P ORING-IPS-2042P Datasheet
921Kb / 3P
   Industrial 6-port lite-managed PoE Ethernet switch
More results

Similar Description - IPS-2042TX

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IPS-2042P ORING-IPS-2042P Datasheet
921Kb / 3P
   Industrial 6-port lite-managed PoE Ethernet switch
IES-2060 ORING-IES-2060 Datasheet
1Mb / 4P
   Industrial 6-port lite-managed Ethernet switch
IPS-3082GC-24V ORING-IPS-3082GC-24V Datasheet
1Mb / 4P
   Industrial 10-port managed PoE Ethernet switch
IPS-3082GC-AT ORING-IPS-3082GC-AT Datasheet
1Mb / 4P
   Industrial 10-port managed PoE Ethernet switch
IES-2050-M12 ORING-IES-2050-M12 Datasheet
1Mb / 3P
   Industrial 5-port lite-managed Ethernet switch
IGPS-9842GTP ORING-IGPS-9842GTP Datasheet
2Mb / 6P
   Industrial 14-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-60W ORING-IGPS-9084GP-60W Datasheet
560Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
RGPS-92222GCP-NP ORING-RGPS-92222GCP-NP Datasheet
2Mb / 6P
   Industrial 26-port managed Gigabit PoE Ethernet switch
IGPS-9084GP-L ORING-IGPS-9084GP-L Datasheet
557Kb / 6P
   Industrial 12-port managed Gigabit PoE Ethernet switch
IGPS-9080 ORING-IGPS-9080 Datasheet
2Mb / 6P
   Industrial 8-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com