Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LVDT388ADBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDT388ADBT
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDT388ADBT Datasheet(HTML) 5 Page - Texas Instruments

  SN75LVDT388ADBT Datasheet HTML 1Page - Texas Instruments SN75LVDT388ADBT Datasheet HTML 2Page - Texas Instruments SN75LVDT388ADBT Datasheet HTML 3Page - Texas Instruments SN75LVDT388ADBT Datasheet HTML 4Page - Texas Instruments SN75LVDT388ADBT Datasheet HTML 5Page - Texas Instruments SN75LVDT388ADBT Datasheet HTML 6Page - Texas Instruments SN75LVDT388ADBT Datasheet HTML 7Page - Texas Instruments SN75LVDT388ADBT Datasheet HTML 8Page - Texas Instruments SN75LVDT388ADBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SN65LVDS386/388A/390, SN65LVDT386/388A/390
SN75LVDS386/388A/390, SN75LVDT386/388A/390
SLLS394G – SEPTEMBER 1999 – REVISED NOVEMBER 2004
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
100
mV
See Figure 1 and
Table 1
VIT–
Negative-going differential input voltage threshold
–100
mV
VOH
High-level output voltage
IOH= –8 mA
2.4
3
V
VOL
Low-level output voltage
IOL = 8 mA
0.2
0.4
V
'LVDx386
50
70
'LVDx388A
Enabled, No load
22
40
'LVDx390
8
18
ICC
Supply current
mA
'LVDx386
3
'LVDx388A
Disabled
3
'LVDx390
1.5
VI = 0 V
–13
–20
'LVDS
VI = 2.4 V
–1.2
–3
VI = 0 V, other input
II
Input current (A or B inputs)
µA
–40
open
'LVDT
VI = 2.4 V, other input
–2.4
open
VIA = 0 V, VIB = 0.1 V,
IID
Differential input current |IIA - IIB|
'LVDS
±2
µA
VIA= 2.4 V, VIB = 2.3 V
VIA = 0.2 V, VIB = 0 V,
IID
Differential input current (IIA - IIB)
'LVDT
1.5
2.2
mA
VIA= 2.4 V, VIB = 2.2 V
II(OFF)
Power-off input current (A or B inputs)
'LVDS
VCC = 0 V, VI = 2.4 V
12
±20
µA
II(OFF)
Power-off input current (A or B inputs)
'LVDT
VCC = 0 V, VI = 2.4 V
±40
µA
IIH
High-level input current (enables)
VIH = 2 V
10
µA
IIL
Low-level input current (enables)
VIL = 0.8 V
10
µA
VO = 0 V
±1
IOZ
High-impedance output current
µA
VO= 3.6 V
10
CIN
Input capacitance, A or B input to GND
VID = 0.4 sin 2.5E09 t V
5
pF
Z(t)
Termination impedance
VID = 0.4 sin 2.5E09 t V
88
132
(1)
All typical values are at 25
°C and with a 3.3-V supply.
5


Similar Part No. - SN75LVDT388ADBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDT388ADBT TI-SN75LVDT388ADBT Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT388ADBT TI-SN75LVDT388ADBT Datasheet
806Kb / 25P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT388ADBTG4 TI-SN75LVDT388ADBTG4 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT388ADBTR TI-SN75LVDT388ADBTR Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDT388ADBTRG4 TI-SN75LVDT388ADBTRG4 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LVDT388ADBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com