Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA6842H Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA6842H
Description  New In Car Entertainment (NICE) extended car radio
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6842H Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA6842H Datasheet HTML 7Page - NXP Semiconductors TEA6842H Datasheet HTML 8Page - NXP Semiconductors TEA6842H Datasheet HTML 9Page - NXP Semiconductors TEA6842H Datasheet HTML 10Page - NXP Semiconductors TEA6842H Datasheet HTML 11Page - NXP Semiconductors TEA6842H Datasheet HTML 12Page - NXP Semiconductors TEA6842H Datasheet HTML 13Page - NXP Semiconductors TEA6842H Datasheet HTML 14Page - NXP Semiconductors TEA6842H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
2003 Dec 19
11
Philips Semiconductors
Product specification
New In Car Entertainment (NICE)
extended car radio
TEA6842H
9
THERMAL CHARACTERISTICS
10 DC CHARACTERISTICS
VMIX1OUT =VAMMIX2OUT =VDDA(n) = 8.5 V; VDDA5 =5V; VDDD =5V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to
ambient
in free air
54
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage
VDDA(n)
analog supply voltages 1 to 4 and 6
8
8.5
9
V
VMIX1OUT;
VAMMIX2OUT
mixer supply voltages
8
8.5
9
V
VDDA5
analog supply voltage 5
4.75
5
5.25
V
VDDD
digital supply voltage
4.75
5
5.25
V
Supply current in FM mode
IDDD
digital supply current
18
23
28
mA
IDDA1
analog supply current 1 for
IF amplifier 1 and 2
11
13
15
mA
IDDA2
analog supply current 2 for FM mixer
and AM mixer 1
4.2
5.2
6.2
mA
IDDA3
analog supply current 3 for tuning PLL
data byte 5:
bit TMS3 = 1
2.3
3
3.6
mA
IDDA4
analog supply current 4 for VCO
5.2
6.5
7.8
mA
IDDA5
analog supply current 5 for on-chip
power supply
6.5
9.3
11.2
mA
IDDA6
analog supply current 6 for on-chip
power supply
16
20
24
mA
IMIX1OUT1
bias current of FM mixer output 1
4.8
6
7.2
mA
IMIX1OUT2
bias current of FM mixer output 2
4.8
6
7.2
mA
Supply current in AM mode
IDDD
digital supply current
18
23
28
mA
IDDA1
analog supply current 1 for AM mixer 2
240
−µA
IDDA2
analog supply current 2 for FM mixer
and AM mixer 1
1.6
2
2.4
mA
IDDA3
analog supply current 3 for tuning PLL
data byte 5:
bit TMS3 = 1
1.3
1.7
2.1
mA
IDDA4
analog supply current 4 for VCO
5
6.5
8
mA
IDDA5
analog supply current 5 for on-chip
power supply
12.7
17.4
22.1
mA
IDDA6
analog supply current 6 for on-chip
power supply
15
19
23
mA
IMIX1OUT1
bias current of AM mixer 1 output 1
4.8
6
7.2
mA
IMIX1OUT2
bias current of AM mixer 1 output 2
4.8
6
7.2
mA


Similar Part No. - TEA6842H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6840 PHILIPS-TEA6840 Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6845 PHILIPS-TEA6845 Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
More results

Similar Description - TEA6842H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com