Electronic Components Datasheet Search |
|
DG81-808U-35-S009-F Datasheet(PDF) 2 Page - Willow Technologies Ltd |
|
DG81-808U-35-S009-F Datasheet(HTML) 2 Page - Willow Technologies Ltd |
2 / 3 page Ordering codes Type Contact material Contact arrangement Cover protection and mounting Coil code D G 8 1 - - 5 - - Contact material 20 - AgNi See coil tables 1 or 2 70 - AgSnOInO 80 - AgNi 0.15 Contact arrangement 11 - SPDT (1 C/O, 1 Form C) 21 - SPST-NO (1 N/O, 1 Form A) 8U - SPST-NO-DM (1 Form U) Cover protection category 2 - in cover, flux tight - IP40 3 - in cover, sealed - IP67 Connection mode 5 - for PCB Options Nil - No options G - Increased contact gap (may be specified with std, Class F or Class H insulation) F - UL Class F insulation for higher ambient temperatures H - UL Class H insulation for high ambient temperatures DG81 sub miniature automotive power relay Ref: DG81 122013JHM Coil Data (600mW - standard version) Table 1 Coil Voltage Code Nominal Voltage (VDC) Coil Resistance (Ω) ±10% Must operate voltage max. (VDC) Must release voltage min. (VDC) S006 6 60 3.6 0.5 S009 9 135 5.4 0.6 S010 10 167 6.3 0.9 S012 12 240 7.3 1.2 S024 24 960 14.4 2.4 Coil Data (800mW - increased contact gap version)* Table 2 Coil Voltage Code Nominal Voltage (VDC) Coil Resistance (Ω) ±10% Must operate voltage max. (VDC) Must release voltage min. (VDC) 1006 6 45 3.6 0.5 1009 9 100 5.4 0.6 1010 10 123 6.3 0.9 1012 12 180 7.3 1.2 1024 24 720 14.4 2.4 * Contact gap increased to 0.45mm. Not available for SPST-NO-DM (1 Form U) contacts. Page 2 of 3 www.aecsensors.com Sales Department Tel: (888) 847-6552 |
Similar Part No. - DG81-808U-35-S009-F |
|
Similar Description - DG81-808U-35-S009-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |