Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7WZ74FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7WZ74FU
Description  D-Type Flip Flop with Preset and Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ74FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7WZ74FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ74FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WZ74FU/FK
2001-11-15
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65~1.8
0.75
´ VCC
¾
¾
0.75
´ VCC
¾
High level
VIH
¾
2.3~5.5
0.7
´ VCC
¾
¾
0.7
´ VCC
¾
1.65~1.8
¾
¾
0.25
´ VCC
¾
0.25
´ VCC
Input
voltage
Low level
VIL
¾
2.3~5.5
¾
¾
0.3
´ VCC
¾
0.3
´ VCC
V
1.65
1.55
1.65
¾
1.55
¾
2.3
2.2
2.3
¾
2.2
¾
3.0
2.9
3.0
¾
2.9
¾
IOL = -100 mA
4.5
4.4
4.5
¾
4.4
¾
IOL = -4 mA
1.65
1.29
1.52
¾
1.29
¾
IOL = -8 mA
2.3
1.9
2.15
¾
1.9
¾
IOL = -16 mA
3.0
2.4
2.8
¾
2.4
¾
IOL = -24 mA
3.0
2.3
2.68
¾
2.3
¾
High level
VOH
VIN = VIH
or VIL
IOL = -32 mA
4.5
3.8
4.2
¾
3.8
¾
V
1.8
¾
0
0.1
¾
0.1
2.3
¾
0
0.1
¾
0.1
3.0
¾
0
0.1
0.1
IOL = 100 mA
4.5
¾
0
0.1
¾
0.1
IOL = 4 mA
1.65
¾
0.08
0.24
¾
0.24
IOL = 8 mA
2.3
¾
0.1
0.3
0.3
IOL = 16 mA
3.0
¾
0.15
0.4
0.4
IOL = 24 mA
3.0
¾
0.22
0.55
0.55
Output
voltage
Low level
VOL
VIN = VIH
or VIL
IOL = 32 mA
4.5
¾
0.22
0.55
¾
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
¾
¾
±1
¾
±10
mA
Power OFF leak current
IOFF
VIN or VOUT = 5.5 V
0.0
¾
¾
1
¾
10
mA
Quiescent supply current
ICC
VIN = 5.5 V or GND
1.65~5.5
¾
¾
1
¾
10
mA


Similar Part No. - TC7WZ74FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ74FU TOSHIBA-TC7WZ74FU Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
More results

Similar Description - TC7WZ74FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
   D-Type Flip Flop with Preset and Clear
TC7W74FK TOSHIBA-TC7W74FK_09 Datasheet
220Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7W74F TOSHIBA-TC7W74F Datasheet
245Kb / 8P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WT74FU TOSHIBA-TC7WT74FU Datasheet
212Kb / 5P
   D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WG74FK TOSHIBA-TC7WG74FK_09 Datasheet
203Kb / 9P
   D-Type Flip Flop with Preset and Clear
TC7WH74FK TOSHIBA-TC7WH74FK_09 Datasheet
205Kb / 7P
   D-Type flip flop with preset and clear
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com