Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C88-W45 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # STK15C88-W45
Description  32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK15C88-W45 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  STK15C88-W45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK15C88-W45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK15C88-W45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK15C88-W45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK15C88-W45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK15C88-W45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK15C88-W45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK15C88-W45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK15C88-W45 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STK15C88
August 1998
5-39
AutoStore™ / POWER-UP RECALL
(Vcc = 5.0V ± 10%)
Note k:
tRESTORE starts from the time VCC rises above VSWITCH.
AutoStore™ / POWER UP RECALL
NO.
SYMBOLS
PARAMETER
STK15C88
UNITS
NOTES
Standard
MIN
MAX
22
tRESTORE
Power Up RECALL Duration
550
µsk
23
tSTORE
STORE Cycle Duration
10
ms
g
24
tDELAY
Time allowed to Complete SRAM Cycle
1
µsg
25
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
26
VRESET
Low Voltage Reset Level
3.9
V
POWER-UP
RECALL
BROWN OUT
NO STORE DUE TO
NO SRAM WRITES
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
NO RECALL
(VCC DID NOT GO
BELOW VRESET)
BROWN OUT
AutoStore™
RECALL WHEN
ABOVE VSWITCH
23
24
22
26
25
CC
t
DELAY
DQ
(Data Out)
W
STORE
t
V
TM
5V
AUTOSTORE
POWER UP RECALL
RESET
V
SWITCH
V
RESTORE
t


Similar Part No. - STK15C88-W45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-NF25 SIMTEK-STK15C88-NF25 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25 CYPRESS-STK15C88-NF25 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-NF25I SIMTEK-STK15C88-NF25I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results

Similar Description - STK15C88-W45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com