Electronic Components Datasheet Search |
|
DG56A-7031-3D-1012-S1NIL Datasheet(PDF) 2 Page - Willow Technologies Ltd |
|
DG56A-7031-3D-1012-S1NIL Datasheet(HTML) 2 Page - Willow Technologies Ltd |
2 / 3 page DG56A automotive relays Ordering codes Type Contact material Contact arrangement Cover protection and mounting Coil code Options 1 & 2 D G 5 6 A - 7 0 - - - Series A - 40/30A Contact material 70 - AgSnO 2 see coil table 1 Contact arrangement 11 - SPDT (1C/O, 1 Form C) 21 - SPST-NO (1N/O, 1 Form A) 31 - SPST-NC (1N/C, 1 Form B) 8U - SPST-DM ( 1 Form U) Cover protection category 3 - Sealed cover - IP67 7 - Dust cover - IP54 9 - Cover with mounting bracket (plastic unless M1 or S1 option selected) Connection / mounting 5 - For PCB 6 - Flat Blades D - Double 87 flat blades Options 1 Nil - No options M1 - Metal bracket S1 - Metal bracket & Skirt Coil Options 2 Nil - No options R - Parallel resistor D - Parallel diode +85, -86 DR - Parallel diode -85, +86 (Standard for diode) DD - Double Diodes +86 (See Fig 2 for detail) Coil Data Table 1 Coil voltage code Nominal voltage (VDC) Coil resistance (Ω) ± 10% Must operate voltage max. ( VDC) Maximum Allowable voltage ( VDC) Must release voltage min. (VDC) Parallel Resistor (Ω) ± 5% (when fitted) 23 °C 85 °C 1006 6 22.5 3.9 10.1 7.6 0.6 180 1012 12 90 7.8 20.2 15.6 1.2 680 1024 24 360 15.6 40.5 31.5 2.4 2700 American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516 Page 2 of 3 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 Ref: DG56A 052616JHM Specifications are subject to change without notice. E&OE. |
Similar Part No. - DG56A-7031-3D-1012-S1NIL |
|
Similar Description - DG56A-7031-3D-1012-S1NIL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |