Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6UB10 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # D6UB10
Description  Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

D6UB10 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  D6UB10 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd D6UB10 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd D6UB10 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd D6UB10 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D6UB05 THRU D6UB100
 
 
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-B012
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Bridge Rectifiers
Features
UL recognition, file #E230084
● Ideal for printed circuit boards
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave
rectification for monitor, TV, printer, power supply, switching
mode power supply, adapter, audio equipment, and home
appliances applications.
Mechanical Data
Package: D3K
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
D6UB05
D6UB10
D6UB20
D6UB40
  D6UB60  D6UB80 D6UB100
Device marking code
D6UB05 D6UB10 D6UB20 D6UB40  D6UB60  D6UB80 D6UB100
Repetitive peak reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output
current @60Hz sine wave,
R-load
With heatsink
Tc =138℃
IO
A
6.0
Without heatsink
Ta =29℃
1.5
Surge(non-repetitive)forward current
@60Hz half sine wave, 1 cycle, Tj=25℃
IFSM
A
150
Current squared time
@1ms≤t≤8.3ms Tj=25℃, Rating of per diode
I
2t
A
2s
93
Storage temperature
Tstg
-55 ~+150
Junction temperature
Tj
-55 ~+150
Dielectric strength
@ Terminals to case, AC 1 minute
Vdis
KV
2
Mounting torque
@Recommend torque: 5kg·cm
Tor
kg·cm
8
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
D6UB05 D6UB10 D6UB20 D6UB40
  D6UB60  D6UB80 D6UB100
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=3.0A
1.1
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
μA
VRM=VRRM
5
COMPLIANT
RoHS
+
~
~
-


Similar Part No. - D6UB10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D6UB10 SECOS-D6UB10 Datasheet
189Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivated Bridge Rectifiers
D6UB100 SECOS-D6UB100 Datasheet
189Kb / 2P
   Voltage 50V ~ 1000V 6.0Amp Glass Passivated Bridge Rectifiers
More results

Similar Description - D6UB10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com