Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG81-7011-25-S010-G Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG81-7011-25-S010-G
Description  sub miniature automotive power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG81-7011-25-S010-G Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG81-7011-25-S010-G Datasheet HTML 1Page - Willow Technologies Ltd DG81-7011-25-S010-G Datasheet HTML 2Page - Willow Technologies Ltd DG81-7011-25-S010-G Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG81
sub miniature automotive power relay
Contacts
Contact number & arrangement
SPST-NO (1 Form A); SPDT (1 Form C); SPST-NO-DM (1 Form U)
Contact material
AgNi0.15; AgSnOInO
Max. switching voltage
DC 16VDC (consult factory for 24VDC)
Min. switching current / voltage
1mA/1VDC (AgNi0.15)
Rated load
DC1 25A/12VDC; 2 x 10A (1 Form U)
Max. continuous current
DC1 35A (10 mins) / 25A (1hr) ; 2 x 10A (2 mins) 1 Form U
Max. switching current2 (AgSnOInO)
Make 60A; 2 x 30A (1 Form U)
Break 20A ; 2x 10A (1 Form U)
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 6...24V
Must release voltage
See Coil Tables 1 & 2
Operating range of supply voltage
See Coil Tables 1 & 2
Rated power consumption
DC 0.6W (Table 1) / 0.8W (Table 2) for increased contact gap version
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 500Vrms, 1min
contact to contact 500Vrms, 1min
General Data
Operating time (typical)
ms 10
Release time (typical)
ms 5
Electrical Life3
ops 1 x 105
Mechanical life
ops 1 x 107
Dimensions
L x W x H 15.7 x 12.3 x 13.8mm (excluding terminal pins)
Weight
6g approx.
Ambient temperature
storage -40 to 125°C
operating -30 to 85°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• Sub miniature - only 15.7 x 12.3 x 13.8mm
• Up to 60A 12VDC switching
• Special option for motor loads
• Cost effective
• RoHS Compliant
Ref: DG81 122013JHM


Similar Part No. - DG81-7011-25-S010-G

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG81 AEC-DG81 Datasheet
275Kb / 3P
   Special option for motor loads
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
Willow Technologies Ltd
DG81B WILLOW-DG81B Datasheet
225Kb / 2P
   sub miniature automotive power relay
DG81B-108U-25-1006 WILLOW-DG81B-108U-25-1006 Datasheet
225Kb / 2P
   sub miniature automotive power relay
DG81B-108U-25-1009 WILLOW-DG81B-108U-25-1009 Datasheet
225Kb / 2P
   sub miniature automotive power relay
More results

Similar Description - DG81-7011-25-S010-G

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG81C WILLOW-DG81C Datasheet
336Kb / 2P
   sub miniature automotive power relay
DG81B WILLOW-DG81B Datasheet
225Kb / 2P
   sub miniature automotive power relay
logo
List of Unclassifed Man...
G8QN ETC-G8QN Datasheet
37Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Omron Electronics LLC
G8SE OMRON-G8SE Datasheet
291Kb / 2P
   Sub-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG17 WILLOW-DG17 Datasheet
318Kb / 3P
   sub-miniature pcb automotive relay
logo
OEN India Limited
61-5-1CE OENINDIA-61-5-1CE Datasheet
73Kb / 1P
   SUB MINIATURE POWER RELAY
65-12-1CE OENINDIA-65-12-1CE Datasheet
81Kb / 1P
   SUB MINIATURE POWER RELAY
OEN61 OENINDIA-OEN61 Datasheet
302Kb / 1P
   SUB MINIATURE POWER RELAY
OEN65 OENINDIA-OEN65 Datasheet
264Kb / 1P
   SUB MINIATURE POWER RELAY
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com