Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG34-1011-15-5220 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG34-1011-15-5220
Description  pcb / industrial power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG34-1011-15-5220 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG34-1011-15-5220 Datasheet HTML 1Page - Willow Technologies Ltd DG34-1011-15-5220 Datasheet HTML 2Page - Willow Technologies Ltd DG34-1011-15-5220 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DG34
pcb / industrial power relay
Ref: DG34 041515 JHM
Coil Data
Table 1
DC Coil
Coil Voltage
Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Nominal
Operating
Power
Must operate
voltage max.
(VDC)
Max. allowable
voltage (VDC)
Must release
voltage min.
(VDC)
1003
3
10
0.93W
2.25
130%
of nominal
0.30
1005
5
28
3.75
0.50
1006
6
40
4.50
0.60
1009
9
90
6.75
0.90
1012
12
160
9.00
1.20
1018
18
360
13.50
1.80
1024
24
640
18.00
2.40
1048
48
2,560
36.00
4.80
1110
110
13,445
82.50
11.00
UL Class F Coil insulation standard. (Others to special order)
AC Coil
Coil Voltage
Code
Nominal Voltage
(VAC)
Coil Resistance
(Ω) ±10%
Nominal
Operating
Power
Must operate
voltage max.
(VAC)
Max. allowable
voltage (VDC)
Must release
voltage min.
(VAC)
5012
12
27
1.2VA
9.00
130%
of nominal
3.60
5024
24
120
18.00
7.20
5110
110
2,360
82.50
33.00
5120
120
3,040
90.00
36.00
5220
220
13,490
165.00
66.00
UL Class F Coil insulation standard. (Others to special order)
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
All dimensions in mm
Overall Dimensions - PCB Relays
Fig. 1
4.3 15.6
23.3
PCB Open
2 or 3 - 6.4 QC
4.3
23.3
25.1
PCB Open + QC
PCB Mounting Dimensions
Fig. 2
Bottom View (* see note 2 )
PCB Wiring Diagrams
Fig. 3
4.3
20.2
27.6
24.0
20.0
PCB Covered
3
Bottom View
3.8
14.0
Specifications are subject to change without notice. E&OE.


Similar Part No. - DG34-1011-15-5220

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG34 AEC-DG34 Datasheet
350Kb / 3P
   Industry standard style
logo
Vishay Siliconix
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG3408 VISHAY-DG3408 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG3408DB VISHAY-DG3408DB Datasheet
12Kb / 1P
   Device Orientation-MICRO FOOT Packages
04-Jun-04
More results

Similar Description - DG34-1011-15-5220

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
   pcb and industrial power relay
DG38B WILLOW-DG38B Datasheet
264Kb / 3P
   pcb and industrial power relay
DG38 WILLOW-DG38 Datasheet
279Kb / 3P
   pcb and industrial power relay
logo
OEN India Limited
OEN45 OENINDIA-OEN45_18 Datasheet
248Kb / 2P
   INDUSTRIAL PCB RELAY
logo
Willow Technologies Ltd
DG19 WILLOW-DG19 Datasheet
324Kb / 3P
   pcb automotive / industrial relay
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
Willow Technologies Ltd
DLR WILLOW-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
3R-1-6-4R OENINDIA-3R-1-6-4R Datasheet
32Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com