Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92F120V9 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 46Page - STMicroelectronics ST92F120V9 Datasheet HTML 47Page - STMicroelectronics ST92F120V9 Datasheet HTML 48Page - STMicroelectronics ST92F120V9 Datasheet HTML 49Page - STMicroelectronics ST92F120V9 Datasheet HTML 50Page - STMicroelectronics ST92F120V9 Datasheet HTML 51Page - STMicroelectronics ST92F120V9 Datasheet HTML 52Page - STMicroelectronics ST92F120V9 Datasheet HTML 53Page - STMicroelectronics ST92F120V9 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 324 page
background image
50/324
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
3.6 PROTECTION STRATEGY
The protection bits are stored in the last 4 loca-
tions of the TestFlash (from 231FFCh) (see Figure
25).
All the available protections are forced active dur-
ing reset, then in the initialisation phase they are
read from the TestFlash.
The protections are stored in 2 Non Volatile Regis-
ters. Other 2 Non Volatile Registers can be used
as a password to re-enable test modes once they
have been disabled.
The protections can be programmed using the Set
Protection operation (see Control Registers para-
graph), that can be executed from all the internal
or external memories except the Flash or Test-
Flash itself.
The TestFlash area (230000h to 231F7Fh) is al-
ways protected against write access.
Figure 25. Protection Map
3.6.1 Non Volatile Registers
The 4 Non Volatile Registers used to store the pro-
tection bits for the different protection features are
one time programmable by the user, but they are
erasable in Test mode (if not disabled).
Access to these registers is controlled by the pro-
tections related to the TestFlash where they are
mapped. Since the code to program the Protection
Registers cannot be fetched by the Flash or the
TestFlash memories, this means that, once the
APRO or APBR bits in the NVAPR register are
programmed, it is no longer possible to modify any
of the protection bits. For this reason the NV Pass-
word, if needed, must be set with the same Set
Protection operation used to program these bits.
For the same reason it is strongly advised to never
program the WPBR bit in the NVWPR register, as
this will prevent any further write access to the
TestFlash, and consequently to the Protection
Registers.
NON VOLATILE ACCESS PROTECTION REG-
ISTER (NVAPR)
Address: 231FFCh - Read/Write
Delivery value: 1111 1111 (FFh)
Bit 7 = Reserved.
Bit 6 = APRO:
Flash Access Protection.
This bit, if programmed at 0, disables any access
(read/write) to operands mapped inside the Flash
address space (EEPROM excluded), unless the
current instruction is fetched from the TestFlash or
from the Flash itself.
0: Flash protection on
1: Flash protection off
Bit 5 = APBR:
TestFlash Access Protection.
This bit, if programmed at 0, disables any access
(read/write) to operands mapped inside the Test-
Flash address space, unless the current instruc-
tion is fetched from the TestFlash itself.
0: TestFlash protection on
1: TestFlash protection off
Bit 4 = APEE:
EEPROM Access Protection.
This bit, if programmed at 0, disables any access
(read/write) to operands mapped inside the EEP-
ROM address space, unless the current instruc-
tion is fetched from the TestFlash or from the
Flash, or from the EEPROM itself.
0: EEPROM protection on
1: EEPROM protection off
Bit 3 = APEX:
Access Protection from External
Memory.
This bit, if programmed at 0, disables any access
(read/write) to operands mapped inside the ad-
dress space of one of the internal memories (Test-
Flash, Flash, EEPROM, RAM), if the current in-
struction is fetched from an external memory.
NVAPR
NVWPR
231FFCh
231FFDh
Protection
231FFEh
NVPWD0
NVPWD1
231FFFh
7
654
32
10
1
APRO APBR APEE APEX PWT2 PWT1 PWT0
9


Similar Part No. - ST92F120V9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F120V9Q STMICROELECTRONICS-ST92F120V9Q Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
More results

Similar Description - ST92F120V9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Holtek Semiconductor In...
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com