Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS391DR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS391DR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS391DR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS391DR Datasheet HTML 6Page - Texas Instruments SN65LVDS391DR Datasheet HTML 7Page - Texas Instruments SN65LVDS391DR Datasheet HTML 8Page - Texas Instruments SN65LVDS391DR Datasheet HTML 9Page - Texas Instruments SN65LVDS391DR Datasheet HTML 10Page - Texas Instruments SN65LVDS391DR Datasheet HTML 11Page - Texas Instruments SN65LVDS391DR Datasheet HTML 12Page - Texas Instruments SN65LVDS391DR Datasheet HTML 13Page - Texas Instruments SN65LVDS391DR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SN65LVDS387, SN75LVDS387, SN65LVDS389
SN75LVDS389, SN65LVDS391, SN75LVDS391
HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SLLS362D – SEPTEMBER 1999 – REVISED MAY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Host
Controller
TX Clock
SN65LVDS387 or 389
Target
Controller
Target
LVDS Receiver(s)
Indicates twisting of the
conductors.
T
T
T
T
T
Indicates the line termination
circuit.
Host
Balanced Interconnect
Power
Power
DB0
DB1
DB2
DBn–3
T
T
T
T
DBn–2
DBn–1
DBn
RX Clock
DB0
DB1
DB2
DBn–3
DBn–2
DBn–1
DBn
Figure 14. Typical Application Schematic
Signaling Rate vs Distance
The ultimate data transfer rate over a given cable or trace length involves many variables. Starting with the
capabilities of this LVDS driver to reproduce a data pulse as short as 1.6 ns (a 630 Mbps signaling rate) with
less than 500 ps of pulse distortion, any degradation of this pulse by the transmission media will necessarily
reduce the timing margin at the receiving end of the data link.
The timing uncertainty induced by the transmission media is commonly referred to as jitter and comes from
numerous sources. The characteristics of a particular transmission media can be quantified by using an
eyepattern measurement such as shown in Figure 12, which shows about 340 ps of jitter or 20% of the data
pulse width.


Similar Part No. - SN65LVDS391DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS391DR TI-SN65LVDS391DR Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS391DR TI1-SN65LVDS391DR Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN65LVDS391DRG4 TI-SN65LVDS391DRG4 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS391DRG4 TI1-SN65LVDS391DRG4 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
More results

Similar Description - SN65LVDS391DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
Pericom Semiconductor C...
PI90LV387 PERICOM-PI90LV387 Datasheet
386Kb / 7P
   High-Speed Differential Line Drivers
logo
Texas Instruments
SN65LVDS387 TI-SN65LVDS387_07 Datasheet
323Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS387 TI1-SN65LVDS387_16 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed Differential Line Drivers
SN55LVDS31 TI-SN55LVDS31_07 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN75LVDS31 TI-SN75LVDS31_01 Datasheet
266Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
logo
STMicroelectronics
STLVDS31 STMICROELECTRONICS-STLVDS31 Datasheet
333Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS
May 2003
STLVDS31 STMICROELECTRONICS-STLVDS31_06 Datasheet
216Kb / 15P
   High speed differential line drivers
logo
Pericom Semiconductor C...
PI90LV3811 PERICOM-PI90LV3811 Datasheet
325Kb / 9P
   High-Speed Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com