Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT30009-CC Datasheet(PDF) 4 Page - World Produts Inc.

Part # WPANT30009-CC
Description  915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30009-CC Datasheet(HTML) 4 Page - World Produts Inc.

  WPANT30009-CC_15 Datasheet HTML 1Page - World Produts Inc. WPANT30009-CC_15 Datasheet HTML 2Page - World Produts Inc. WPANT30009-CC_15 Datasheet HTML 3Page - World Produts Inc. WPANT30009-CC_15 Datasheet HTML 4Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev: 4.0
Created on: June 3, 2015
Created by: MKS
Approved by: BP
Page | 4
3D Radiation Pattern of the Antenna
Note: The Radiation Patterns might appear little tilted. However, this is not because of the Antenna. This is due to the
tolerance in positioning of the Antenna in the 3D Anechoic Chamber.
915 MHz
2.45 GHz


Similar Part No. - WPANT30009-CC_15

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30009-CC WPI-WPANT30009-CC Datasheet
271Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
More results

Similar Description - WPANT30009-CC_15

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30063-S1A WPI-WPANT30063-S1A_15 Datasheet
253Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30063-S1A WPI-WPANT30063-S1A Datasheet
267Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30009-CC WPI-WPANT30009-CC Datasheet
271Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANTDP081-S2C WPI-WPANTDP081-S2C Datasheet
193Kb / 6P
   870 / 915 MHz, 2.4 GHz & 5.6 GHz Combo True-Omni
WPANT30015-SA WPI-WPANT30015-SA_15 Datasheet
250Kb / 4P
   915 MHz & 2.4 GHz Dual-band Body-mount Antenna
WPANT30015-SA WPI-WPANT30015-SA Datasheet
257Kb / 4P
   915 MHz & 2.4 GHz Dual-band Body-mount Antenna
WPANT30026-SE WPI-WPANT30026-SE_15 Datasheet
293Kb / 6P
   915 MHz & 2.4 GHz Omni Directional Body Mount Disc Antenna
WPANTDP036 WPI-WPANTDP036 Datasheet
864Kb / 8P
   WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
logo
Taoglas antenna solutio...
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
   915 MHz Hercules ISM Band Antenna
logo
World Produts Inc.
WPANT30028-SA WPI-WPANT30028-SA_15 Datasheet
224Kb / 4P
   2.4 GHz High Gain TRUE-OMNI Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com