Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI85-61G-A024-C5 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DI85-61G-A024-C5
Description   interface relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DI85-61G-A024-C5 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DI85-61G-A024-C5 Datasheet HTML 1Page - Willow Technologies Ltd DI85-61G-A024-C5 Datasheet HTML 2Page - Willow Technologies Ltd DI85-61G-A024-C5 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DI8 series
interface relays
Ref: DI8 070313JHM
Coil Data (standard coil)
Table 1
Coil Voltage Code
Nominal Voltage
Coil Resistance (Ω)
±10%
Operate
voltage max.
Must operate
voltage max.
Must release
voltage min.
D012
12VDC
360
18.0VDC
8.4VDC
1.2VDC
D024
24VDC
1440
36.0VDC
16.8VDC
2.4VDC
A024
24VAC
400
28.8VAC
19.2VAC
3.6VAC
A110
110VAC
8900
132.0VAC
88.0VAC
16.5VAC
A230
230VAC
38500
276.0VAC
184.0VAC
34.5VAC
Coil Data (12VDC sensitive coil)
Table 2
Coil Voltage Code
Nominal Voltage
Coil Resistance (Ω)
±10%
Operate
voltage max.
Must operate
voltage max.
Must release
voltage min.
S012
12VDC
576
15.6VDC
9.00VDC
1.2VDC
Coil specifications at 20°C. AC coils are suitable for 50HZ or 60Hz operation
Operating relays below or above the nominal voltage may prove detrimental to performance.
Page 2 of 3
www.willow.co.uk
Sales Department Tel: +44 1342 717102
Specifications are subject to change without notice. E&OE.
Ordering codes
Table 2
Relay & Socket Code
Module Code
Coil Code
Socket style
D
I
8
7
-
4
1
G
-
A
0
2
4
-
C
3
N
Contact Style
4
-
DPCO 8A
see Tables 1 & 2
5
-
SPCO 16A
7
-
SPCO 10A & 12A
Module type
000
- No Module fitted
21P
- Diode A2+
21N
- Diode A1+
41G
- LED (Green) 6-24VDC
41R
- LED (Red) 6-24VDC
61G
- LED (Green) 6-24VAC/DC
61R
- LED (Red) 6-24VAC/DC
63G
- LED (Green) 110 - 230VAC/DC
63R
- LED (Red) 110-230VAC/DC
Socket type
C2
- SPDT: D14-1Z-C2 (standard), or DPDT: D14F-2Z-C2 (standard)
C3N
- SPDT: D14F-1Z-C3-N (standard), or DPDT: D14F-2Z-C3-N (standard)
C4
- SPDT: D14F-1Z-C4 (special order*), or DPDT: D14F-2Z-C4 (special order*)
C5
- SPDT: D14F-1Z-C5 (special order*), or DPDT: D14F-2Z-C5 (special order*)
* Minimum Order Quantities (MOQ’s) may apply.


Similar Part No. - DI85-61G-A024-C5

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DI8 AEC-DI8 Datasheet
441Kb / 3P
   interface relays
logo
List of Unclassifed Man...
DI8884A ETC2-DI8884A Datasheet
45Kb / 2P
   High Voltage Cathode Decoder/Driver
More results

Similar Description - DI85-61G-A024-C5

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
D41F WILLOW-D41F Datasheet
681Kb / 3P
   interface relays
logo
American Electronic Com...
DI8 AEC-DI8 Datasheet
441Kb / 3P
   interface relays
logo
Willow Technologies Ltd
D2RS WILLOW-D2RS Datasheet
331Kb / 3P
   industrial interface relays
logo
List of Unclassifed Man...
1SVR405661R0000 ETC1-1SVR405661R0000 Datasheet
104Kb / 2P
   Accessories for pluggable interface relays CR-U Pluggable function modules
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com