Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG55-5011-76-1024-M1DR Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG55-5011-76-1024-M1DR
Description  automotive relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG55-5011-76-1024-M1DR Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG55-5011-76-1024-M1DR Datasheet HTML 1Page - Willow Technologies Ltd DG55-5011-76-1024-M1DR Datasheet HTML 2Page - Willow Technologies Ltd DG55-5011-76-1024-M1DR Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DG55
automotive relays
Contacts
Contact number & arrangement
SPST-NO (1 Form A), SPDT (1 Form C)
Contact material
AgSnO
2, AgNi 0.15
Max. switching voltage
DC
24VDC - current dependent (see Fig. 3)
Contact rating
85°C
23°C
Max. continuous current
SPST-NO
40A @ 14VDC
60A @ 14VDC
SPDT (NO/NC)
40A / 30A
60A / 40A
Max. switching current - make
SPST-NO
120A
SPDT (NO/NC)
120A / 45A
Max. switching current - break
SPST-NO
40A
SPDT (NO/NC)
40A / 30A
Min. switching current
1A/5VDC (AgNi 0.15)
Initial contact resistance
<100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC
12, 24
Must release voltage
0.10Un - see coil table 1 for more information.
Operating range of supply voltage
See coil table 1
Rated power consumption
1.8W with resistor
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH, 25°C
Dielectric strength.
Coil to contact
500Vrms / 1 min
General Data
Operate time
typical
7msec
Release time
typical
2msec
Electrical Life
ops
1 x 105 (40A@14VDC SPST-NO)
Mechanical life
ops
1 x 107
Dimensions
L x W x H
25.9 x 25.9 x 24.9mm (excluding terminals) - see drawings for more information
Weight
34g approx.
Ambient temperature
-40 to 125°C (Operating).
De-rate above 85°C. Consult factory for ambient above 85°C
-40 to 155°C (Storage)
Shock resistance
Destructive
196m/s2(20g)
Functional
98m/s2(10g)
Vibration resistance
10 to 40Hz DA 1.27mm; 40-70Hz:5g / 70-100Hz DA 0.5mm, 100 - 500Hz:5g
Cover protection category
IP54 Dust cover
Flammability
Meets the requirements of UL94V-0
• General purpose automotive or electric vehicle relays
• Ideal for Head lights, Fog lamp, Horn, Air Cooling Motor
Control, Starter, Radiator Cooling, Window Control and
ABS Systems
• 60A continuous DC current capacity (at 23
°C)
• Industry standard terminal arrangement
• RoHS Compliant
Ref: DG55 072916 JHM
Specifications are subject to change without notice. E&OE
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552


Similar Part No. - DG55-5011-76-1024-M1DR

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG55 AEC-DG55 Datasheet
248Kb / 3P
   Industry standard terminal arrangement
DG55M AEC-DG55M Datasheet
339Kb / 3P
   Fits standard Mini-ISO relay sockets
logo
Willow Technologies Ltd
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
   electric vehicle relay
DG55M-5021-76-1012-M1D WILLOW-DG55M-5021-76-1012-M1D Datasheet
288Kb / 3P
   electric vehicle relay
DG55M-5021-76-1012-M1DR WILLOW-DG55M-5021-76-1012-M1DR Datasheet
288Kb / 3P
   electric vehicle relay
More results

Similar Description - DG55-5011-76-1024-M1DR

ManufacturerPart #DatasheetDescription
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
logo
TE Connectivity Ltd
ISO TEC-ISO Datasheet
483Kb / 2P
   Automotive Relays Accessories
logo
American Electronic Com...
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com