Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG55-5011-76-1024-M1D Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG55-5011-76-1024-M1D
Description  automotive relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG55-5011-76-1024-M1D Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG55-5011-76-1024-M1D Datasheet HTML 1Page - Willow Technologies Ltd DG55-5011-76-1024-M1D Datasheet HTML 2Page - Willow Technologies Ltd DG55-5011-76-1024-M1D Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DG55 series
automotive relays
Ref: DG55 072916 JHM
Specifications are subject to change without notice. E&OE.
Coil data
Coil voltage code
Nominal voltage
(V DC)
Coil resistance
(Ω) ± 10%
Must operate volt-
age max.
( V DC)
Maximum
Allowable voltage
( V DC)
Must release
voltage min.
(V DC)
23 °C
85 °C
1012
12
72
7.2
18.0
13.0
1.2
1024
24
288
14.4
35.0
25.2
2.4
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Note: All parameters, unless otherwise specified, are measured at ambient temperature of 23°C
Ordering Codes
Type
Contact Material
and
Arrangement
Cover
protection and
mounting
Coil Code
Options 1 & 2
D G 5
5
-
-
-
-
Contact Material
50
-
AgSnO
2
80
-
AgNi0.15
Contact Arrangement
11
-
SPDT (1C/O, 1 Form C)
21
-
SPST-NO (1N/O, 1 Form A)
Cover Protection & Mounting
7
-
Dust Cover - IP54
9
-
Cover with mounting bracket (Option M1 only)
Connection Mode
6
-
Flat blades (6.35mm)
Coil Code
See Table 1
Options 1
Nil
-
No options
M1
-
Metal bracket (Supplied fitted as standard. Consult factory for brackets supplied loose)
Options 2
Nil
-
No Options
R
-
Integral resistor
D
-
Integral diode +85, -86
DR
-
Integral diode (reversed) -85, +86 (Standard)
Example: DG55-5011-76-1012-DR


Similar Part No. - DG55-5011-76-1024-M1D

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG55 AEC-DG55 Datasheet
248Kb / 3P
   Industry standard terminal arrangement
DG55M AEC-DG55M Datasheet
339Kb / 3P
   Fits standard Mini-ISO relay sockets
logo
Willow Technologies Ltd
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
   electric vehicle relay
DG55M-5021-76-1012-M1D WILLOW-DG55M-5021-76-1012-M1D Datasheet
288Kb / 3P
   electric vehicle relay
DG55M-5021-76-1012-M1DR WILLOW-DG55M-5021-76-1012-M1DR Datasheet
288Kb / 3P
   electric vehicle relay
More results

Similar Description - DG55-5011-76-1024-M1D

ManufacturerPart #DatasheetDescription
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
logo
TE Connectivity Ltd
ISO TEC-ISO Datasheet
483Kb / 2P
   Automotive Relays Accessories
logo
American Electronic Com...
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com