Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG84-7021-36-S012-R Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG84-7021-36-S012-R
Description  micro plug-in/pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG84-7021-36-S012-R Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG84-7021-36-S012-R Datasheet HTML 1Page - Willow Technologies Ltd DG84-7021-36-S012-R Datasheet HTML 2Page - Willow Technologies Ltd DG84-7021-36-S012-R Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
DG84 series
micro plug-in/pcb automotive relay
Contacts
DG84A
DG84B
Contact number & arrangement
SPST-NO / SPDT
SPST-NO / SPDT
Contact material
AgSnOInO
AgSnOInO
Max. switching voltage
DC
27V
27V
Rated load (13VDC resistive)
DC1
30A (NO) / 20A (NC)
40A (NO) / 30A (NC)
Rated load (27VDC resistive)
DC1
25A (NO) / 15A (NC)
30A (NO) / 20A (NC)
Max. switching current
Make 120A (at 13VDC) (Lamp Load)
120A (at 13VDC) (Lamp Load)
Break
30A (resistive)
40A
Initial resistance
≤50mΩ (1A/24VDC)
≤50mΩ (1A/24VDC)
Coil
Rated voltage
DC 12, 24V
Must release voltage
≥0.1Un
Operating range of supply voltage
See coil table 1
Rated power consumption
DC 1.4W to1.8W (with resistor); 1.2W sensitive coil
Insulation
Insulation resistance
100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 550Vrms, 1min
contact to contact 500Vrms, 1min
General Data
Operating time (typical)
mS 5 (10mS max)
Release time (typical)
mS 5 (10mS max)
Electrical Life
ops 1 x 105 (see Note 2)
Mechanical life
ops 1 x 107
Dimensions
L x W x H 23 x 15.4 x 24.8 mm (excluding terminals)
Weight
Approx. 22g
Ambient temperature
storage -40 to 155°C
operating -40 to 125°C
Shock resistance
Functional: 196m/s2 (20g); Destructive: 100g
Vibration resistance
10Hz - 500Hz 49m/s2 (5g)
• Industry Standard micro plug-in relay
• Up to 120A 12VDC inrush capability
• PCB Mounting option
• Cost effective
• RoHS Compliant
Ref: DG84 110112JHM


Similar Part No. - DG84-7021-36-S012-R

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
More results

Similar Description - DG84-7021-36-S012-R

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG82 AEC-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
Willow Technologies Ltd
DG82 WILLOW-DG82 Datasheet
232Kb / 3P
   micro plug-in/pcb automotive relay
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782_14 Datasheet
362Kb / 2P
   Micro Automotive Plug In / PCB Power Relay
logo
List of Unclassifed Man...
HG4182 ETC1-HG4182 Datasheet
132Kb / 2P
   MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY
logo
American Electronic Com...
DGC2 AEC-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Willow Technologies Ltd
DGC2 WILLOW-DGC2 Datasheet
281Kb / 3P
   micro plug-in automotive relay
logo
Picker Components
PC783 PICKER-PC783 Datasheet
711Kb / 2P
   35 Amp Micro ISO Automotive Plug In / PCB Relay
logo
DB Lectro Inc
HG4185A DBLECTRO-HG4185A Datasheet
179Kb / 4P
   Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com