Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143ZSA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DTA143ZSA
Description  Digital Transistor (PNP)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DTA143ZSA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DTA143ZSA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DTA143ZSA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Built-in bias resistors enable the configuration of an inverter circuit without
connecting external input resistors (see equivalent circuit).
2) The bias resistors consist of thin-film resistors with complete isolation to allow
negative biasing of the input. They also have the advantage of almost
completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation, making device design
easy.
PIN CONNENCTIONS AND MARKING
SOT-523
SOT-323
TO-92S
SOT-23
SOT-23-3L
DTA143ZE
DTA143ZUA
DTA114ECA
DTA143ZCA
DTA143ZKA
DTA143ZSA
Addreviated symbol: E13
Addreviated symbol: E13
Addreviated symbol: E13
Addreviated symbol: 113
DTA143ZE/DTA143ZUA/DTA143ZCA/
DTA143ZKA/DTA143ZSA
Digital Transistor (PNP)
Features
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170301-P1


Similar Part No. - DTA143ZSA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZSA ROHM-DTA143ZSA Datasheet
89Kb / 4P
   Digital transistors (built-in resistors)
logo
Jiangsu Changjiang Elec...
DTA143ZSA JIANGSU-DTA143ZSA Datasheet
123Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA143ZSA ROHM-DTA143ZSA Datasheet
86Kb / 4P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA143ZSA SECOS-DTA143ZSA Datasheet
206Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Taiwan Semiconductor Co...
DTA143ZSA TSC-DTA143ZSA Datasheet
212Kb / 3P
   PNP Small Signal Transistor
More results

Similar Description - DTA143ZSA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Shenzhen Luguang Electr...
LGDTA144TE LUGUANG-LGDTA144TE Datasheet
769Kb / 2P
   Digital Transistor(PNP)
logo
WILLAS ELECTRONIC CORP
DTA123JE WILLAS-DTA123JE Datasheet
342Kb / 2P
   PNP Digital Transistor
DTA123JUA WILLAS-DTA123JUA Datasheet
336Kb / 2P
   PNP Digital Transistor
DTA143EUA WILLAS-DTA143EUA Datasheet
394Kb / 2P
   PNP Digital Transistor
DTA144EUA WILLAS-DTA144EUA Datasheet
301Kb / 2P
   PNP Digital Transistor
logo
Taiwan Semiconductor Co...
DTA114-YM TSC-DTA114-YM Datasheet
116Kb / 2P
   PNP Digital Transistor
logo
Unisonic Technologies
DTA144T UTC-DTA144T_11 Datasheet
190Kb / 3P
   PNP DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTA114TE MCC-DTA114TE Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TUA MCC-DTA114TUA Datasheet
112Kb / 3P
   PNP Digital Transistor
DTA114TCA MCC-DTA114TCA_13 Datasheet
223Kb / 3P
   PNP Digital Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com