Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG85BM-5011-75-1024-NILD Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG85BM-5011-75-1024-NILD
Description  automotive / industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG85BM-5011-75-1024-NILD Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG85BM-5011-75-1024-NILD Datasheet HTML 1Page - Willow Technologies Ltd DG85BM-5011-75-1024-NILD Datasheet HTML 2Page - Willow Technologies Ltd DG85BM-5011-75-1024-NILD Datasheet HTML 3Page - Willow Technologies Ltd DG85BM-5011-75-1024-NILD Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DG85*M series
automotive /industrial relays
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 4
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
Ref: DG85*M 022112JHM
Ordering codes
Type
Contact
material
Contact
arrangement
Cover pro-
tection and
mounting
Coil code
Options
D
G
8
5
M
-
5
0
-
-
-
Series
B
-
25A @ 36VDC
C
-
60A @ 36VDC
see Table 1
Contact material
50
-
AgSnO
2
Options 1
Nil
-
No options
Contact arrangement
11
-
SPDT (1C/O, 1 Form C) DG85BM only)
21
-
SPST-NO (1N/O, 1 Form A)
Options 2
Nil
-
No options
Cover protection category
R
-
Integral resistor
7
-
in cover, dust cover - IP54
D
-
Integral diode +85, -86
9
-
Cover with plastic mounting bracket
DR
-
Integral diode reversed -85, +86
Connection mode
5
-
PCB Terminals (DG85BM only)
6
-
Flat Blades
Dimensions in millimeters
DG85BM
DG85CM
Overall Dimensions - Plug-in & PCB Mount types
Fig. 1
SPST-NO
SPDT
1.2
2.4
1.2
2.4
SPST-NO


Similar Part No. - DG85BM-5011-75-1024-NILD

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85B AEC-DG85B Datasheet
503Kb / 4P
   automotive / industrial relays
More results

Similar Description - DG85BM-5011-75-1024-NILD

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
logo
Willow Technologies Ltd
DG85 WILLOW-DG85 Datasheet
503Kb / 4P
   automotive / industrial relays
logo
American Electronic Com...
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
DG85M AEC-DG85M Datasheet
339Kb / 4P
   automotive / industrial relays
DG85B AEC-DG85B Datasheet
503Kb / 4P
   automotive / industrial relays
DG85C AEC-DG85C Datasheet
503Kb / 4P
   automotive / industrial relays
DG85F AEC-DG85F Datasheet
503Kb / 4P
   automotive / industrial relays
DG85A AEC-DG85A Datasheet
503Kb / 2P
   automotive / industrial relays
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com