Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC170DBR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65LBC170DBR
Description  TRIPLE DIFFERENTIAL TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC170DBR Datasheet(HTML) 4 Page - Texas Instruments

  SN65LBC170DBR Datasheet HTML 1Page - Texas Instruments SN65LBC170DBR Datasheet HTML 2Page - Texas Instruments SN65LBC170DBR Datasheet HTML 3Page - Texas Instruments SN65LBC170DBR Datasheet HTML 4Page - Texas Instruments SN65LBC170DBR Datasheet HTML 5Page - Texas Instruments SN65LBC170DBR Datasheet HTML 6Page - Texas Instruments SN65LBC170DBR Datasheet HTML 7Page - Texas Instruments SN65LBC170DBR Datasheet HTML 8Page - Texas Instruments SN65LBC170DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN65LBC170, SN75LBC170
TRIPLE DIFFERENTIAL TRANSCEIVERS
SLLS459B – NOVEMBER 2000 – REVISED FEBRUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
D and DIR
II = 18 mA
–1.5
–0.7
V
VO
Open-circuit output voltage (single-ended)
A or B,
No load
0
VCC
V
St
d
t t diff
ti l
t
t
lt
No load
3.8
4.3
VCC
|VOD(SS)|
Steady-state differential output voltage
magnitude‡
RL = 54 Ω,
See Figure 1
1
1.6
2.4
V
|VOD(SS)|
magnitude‡
With common-mode loading, See Figure 2
1
1.6
2.4
V
∆VOD
Change in differential output voltage
magnitude, | VOD(H) | – |VOD(L) |
R54
–0.2
0.2
V
VOC(SS)
Steady-state common-mode output voltage
RL = 54 Ω,
CL =50 pF
See Figure 1
2
2.4
2.8
V
∆VOC(SS)
Change in steady-state common-mode output
voltage (VOC(H) – VOC(L))
CL = 50 pF
See Figure 1
–0.2
0.2
V
II
Input current
D, DIR
–100
100
µA
IO
Output current with power off
VCC = 0 V,
VO = –7 V to 12 V
–700
900
µA
IOS
Short-circuit output current
VO = –7 V to 12 V,
See Figure 7
–250
250
mA
ICC
Supply current (driver enabled)
D at 0 V or VCC,
DIR at VCC, No load
14
20
mA
† All typical values are at VCC = 5 V and TA = 25°C.
‡ The minimum VOD may not fully comply with TIA/EIA-485-A at operating temperatures below 0°C. System designers should take the possibly
lower output signal into account in determining the maximum signal-transmission distance.
switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Differential output propagation delay, low-to high
4
8.5
12
tPHL
Differential output propagation delay, high-to-low
4
8.5
11
tr
Differential output rise time
3
7.5
11
tf
Differential output fall time
RL = 54 Ω, CL = 50 pF, See Figure 3
3
7.5
11
ns
tsk(p)
Pulse skew | (tPLH – tPHL) |
RL 54 Ω, CL 50 F, See Figure 3
2
ns
tsk(o)
Output skew§
1.5
tsk(pp)
Part-to-part skew¶
2
tPLH
Differential output propagation delay, low-to high
3
7
10
tPHL
Differential output propagation delay, high-to-low
3
7.5
10
tr
Differential output rise time
See Figure 4
3
7.5
12
tf
Differential output fall time
See Figure 4,
(HVD SCSI double-terminated load)
3
7.5
12
ns
tsk(p)
Pulse skew | (tPLH – tPHL) |
(HVD SCSI double-terminated load)
3
ns
tsk(o)
Output skew§
1.5
tsk(pp)
Part-to-part skew¶
2.5
tPZH
Output enable time to high level
See Figure 5
15
25
ns
tPHZ
Output disable time from high level
See Figure 5
18
25
ns
tPZL
Output enable time to low level
See Figure 6
10
25
ns
tPLZ
Output disable time from low level
See Figure 6
17
25
ns
§ Output skew (tsk(o)) is the magnitude of the time delay difference between the outputs of a single device with all of the inputs connected together.
¶ Part-to-part skew (tsk(pp)) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when
both devices operate with the same input signals, the same supply voltages, at the same temperature, and have identical packages and test
circuits.


Similar Part No. - SN65LBC170DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170DBR TI-SN65LBC170DBR Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBR TI-SN65LBC170DBR Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBRG4 TI-SN65LBC170DBRG4 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170DBRG4 TI-SN65LBC170DBRG4 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results

Similar Description - SN65LBC170DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI1-SN65LBC171_09 Datasheet
471Kb / 20P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC171 TI-SN65LBC171 Datasheet
289Kb / 18P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_07 Datasheet
407Kb / 21P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
SN75ALS171 TI-SN75ALS171 Datasheet
296Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN75ALS171 TI-SN75ALS171_07 Datasheet
500Kb / 24P
[Old version datasheet]   TRIPLE DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65ALS176 TI-SN65ALS176_08 Datasheet
515Kb / 22P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com