Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC256304 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC256304
Description  Ultra Wide VIN LLC Resonant Controller Enabling Low Standby Power
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC256304 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC256304 Datasheet HTML 4Page - Texas Instruments UCC256304 Datasheet HTML 5Page - Texas Instruments UCC256304 Datasheet HTML 6Page - Texas Instruments UCC256304 Datasheet HTML 7Page - Texas Instruments UCC256304 Datasheet HTML 8Page - Texas Instruments UCC256304 Datasheet HTML 9Page - Texas Instruments UCC256304 Datasheet HTML 10Page - Texas Instruments UCC256304 Datasheet HTML 11Page - Texas Instruments UCC256304 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
8
UCC256304
SLUSD60 – OCTOBER 2017
www.ti.com
Product Folder Links: UCC256304
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
All voltages are with respect to GND, –40°C < TJ = TA < 125°C, VCC = 15 V, currents are positive into and negative out of the
specified terminal, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
TJ_r
Thermal shutdown temperature (1)
Temperature rising
125
145
°C
TJ_H
Thermal shutdown hsyterisis (1)
20
°C
(1)
Not production tested. Specified by characterization.
6.6 Switching Characteristics
All voltages are with respect to GND, –40°C < TJ = TA < 125°C, VCC = 12 V, currents are positive into and negative out of the
specified terminal, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr(LO)
Rise time
10% to 90%, 1-nF load
18
35
50
ns
tf(LO)
Fall time
10% to 90%, 1-nF load
15
25
50
ns
tr(HO)
Rise time
10% to 90%, 1-nF load
18
35
50
ns
tf(HO)
Fall time
10% to 90%, 1-nF load
15
25
50
ns
tDT(min)
Minimum dead time (1)
100
ns
tDT(max)
Maximum dead time (dead time fault)
(1)
150
µs
tON(min)
Minimum gate on time (1)
250
ns
tON(max)
Maximum gate on time (1)
14.5
µs


Similar Part No. - UCC256304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25630-1DDBR TI1-UCC25630-1DDBR Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-1DDBT TI1-UCC25630-1DDBT Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-2DDBR TI1-UCC25630-2DDBR Datasheet
1Mb / 66P
[Old version datasheet]   LLC Resonant Controller with High Voltage Startup Enabling Low Standby Power
UCC25630-2DDBT TI1-UCC25630-2DDBT Datasheet
1Mb / 66P
[Old version datasheet]   LLC Resonant Controller with High Voltage Startup Enabling Low Standby Power
UCC25630-3DDBR TI1-UCC25630-3DDBR Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
More results

Similar Description - UCC256304

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC256301 TI1-UCC256301 Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC256303 TI1-UCC256303 Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC256302 TI1-UCC256302 Datasheet
1Mb / 66P
[Old version datasheet]   LLC Resonant Controller with High Voltage Startup Enabling Low Standby Power
UCC256403 TI1-UCC256403 Datasheet
1Mb / 62P
[Old version datasheet]   LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI1-UCC256402_V01 Datasheet
3Mb / 74P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI1-UCC256402 Datasheet
3Mb / 73P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI-UCC256402_V02 Datasheet
3Mb / 78P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
logo
NXP Semiconductors
TEA9026T NXP-TEA9026T Datasheet
460Kb / 38P
   Digital LLC controller for power supplies providing wide input voltage range and low standby
Rev. 1 ??14 June 2022
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com