Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC25630-2DDBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC25630-2DDBT
Description  LLC Resonant Controller with High Voltage Startup Enabling Low Standby Power
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC25630-2DDBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC25630-2DDBT Datasheet HTML 2Page - Texas Instruments UCC25630-2DDBT Datasheet HTML 3Page - Texas Instruments UCC25630-2DDBT Datasheet HTML 4Page - Texas Instruments UCC25630-2DDBT Datasheet HTML 5Page - Texas Instruments UCC25630-2DDBT Datasheet HTML 6Page - Texas Instruments UCC25630-2DDBT Datasheet HTML 7Page - Texas Instruments UCC25630-2DDBT Datasheet HTML 8Page - Texas Instruments UCC25630-2DDBT Datasheet HTML 9Page - Texas Instruments UCC25630-2DDBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
UCC256302
SLUSD69 – NOVEMBER 2017
www.ti.com
Product Folder Links: UCC256302
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
All voltages are with respect to GND, -40°C< TJ =TA < 125°C, VCC =15V, currents are positive into and negative out of the
specified terminal, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Not tested in production. Insured by design
(3)
IMismatch calculated as average of (IPD-(IPD+IPU)/(IPD+IPU)/2)) and (IPU-(IPD+IPU)/((IPD+IPU)/2)
VBLKStop
Input voltage that forces LLC
operation to stop
Voltage falling
2.13
2.17
2.23
V
VBLKOVRise
Input voltage that causes switching to
stop
Voltage rising
3.94
4.03
4.11
V
VBLKOVFall
Input voltage that causes switching to
re-start
Voltage falling
3.64
3.76
3.86
V
FEEDBACK PIN
RFBInternal
Internal pull down resistor value
90.7
101.5
112.3
IFB
FB internal current source
76.5
85.1
93.6
µA
f-3dB
Feedback chain -3dB cut off frequency
(2)
1
MHz
RESONANT CURRENT SENSE
VISNS_OCP1
OCP1 threshold
3.97
4.03
4.07
V
VISNS_OCP1_S
S
OCP1 threshold during soft start (1)
5
V
VISNS_OCP2
OCP2 threshold
0.68
0.84
0.99
V
VISNS_OCP3
OCP3 threshold
0.49
0.64
0.79
V
TISNS_OCP2
The time the average input current
needs to stay above OCP2 threshold
before OCP2 is triggered (1)
2
ms
TISNS_OCP3
The time the average input current
needs to stay above OCP3 threshold
before OCP3 is triggered (1)
50
ms
VIpolarityHyst
Resonant current polarity detection
hysteresis
16.9
30.7
44.7
mV
nOCP1
Number of OCP1 cycles before OCP1
fault is tripped (1)
4
RESONANT CAPACITOR VOLTAGE SENSE
VCM
Internal common mode voltage
2.91
3.02
3.14
V
IRAMP
Frequency compensation ramp current
source value
1.63
1.84
2.10
mA
IMismatch
Pull up and pull down ramp current
source mismatch (3)
-1.25
1.25
%
SOFT START
ISSUp
Current output from SS pin to charge
up the soft start capacitor
21.8
25.8
29.8
µA
RSSDown
SS pin pull down resistance
ZCS or OCP1
222
401
580
GATE DRIVER
VLOL
LO output low voltage
Isink = 20mA
0.027
0.052
0.087
V
VRVCC - VLOH LO output high voltage
Isource = 20mA
0.113
0.178
0.263
V
VHOL - VHS
HO output low voltage
Isink = 20mA
0.027
0.053
0.087
V
VHB - VHOH
HO output high voltage
Isource = 20mA
0.113
0.173
0.263
V
VHB-
HSUVLORise
High side gate driver UVLO rise
threshold
7.35
7.94
8.70
V
VHB-
HSUVLOFall
High side gate driver UVLO fall
threshold
6.65
7.25
7.76
V
Isource_pk
HO, LO peak source current (2)
-0.6
A
Isink_pk
HO, LO peak sink current (2)
1.2
A
BOOTSTRAP


Similar Part No. - UCC25630-2DDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25630-1DDBR TI1-UCC25630-1DDBR Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-1DDBT TI1-UCC25630-1DDBT Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-3DDBR TI1-UCC25630-3DDBR Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-3DDBT TI1-UCC25630-3DDBT Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC25630-4DDBR TI1-UCC25630-4DDBR Datasheet
1Mb / 72P
[Old version datasheet]   Ultra Wide VIN LLC Resonant Controller Enabling Low Standby Power
More results

Similar Description - UCC25630-2DDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC256303 TI1-UCC256303 Datasheet
1Mb / 67P
[Old version datasheet]   LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC256304 TI1-UCC256304 Datasheet
1Mb / 72P
[Old version datasheet]   Ultra Wide VIN LLC Resonant Controller Enabling Low Standby Power
UCC256301 TI1-UCC256301 Datasheet
2Mb / 70P
[Old version datasheet]   Hybrid Hysteretic Mode Wide VIN LLC Resonant Controller Enabling Ultra-Low Standby Power
UCC256403 TI1-UCC256403 Datasheet
1Mb / 62P
[Old version datasheet]   LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI1-UCC256402_V01 Datasheet
3Mb / 74P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI1-UCC256402 Datasheet
3Mb / 73P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
UCC256402 TI-UCC256402_V02 Datasheet
3Mb / 78P
[Old version datasheet]   UCC25640x LLC Resonant Controller with Ultra-Low Audible Noise and Standby Power
logo
Fuji Electric
FA5571 FUJI-FA5571 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
logo
Fairchild Semiconductor
FAN6300SY FAIRCHILD-FAN6300SY Datasheet
555Kb / 14P
   High-Voltage Startup, Quasi-Resonant Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com