Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28C43-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28C43-Q1
Description  Automotive BiCMOS Low-Power Current-Mode PWM Controllers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C43-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCC28C43-Q1 Datasheet HTML 11Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 12Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 13Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 14Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 15Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 16Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 17Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 18Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
< 100 µA
VOFF
< 3 mA
VON
VVDD
IVDD
15
UCC28C40-Q1, UCC28C41-Q1, UCC28C42-Q1
UCC28C43-Q1, UCC28C44-Q1, UCC28C45-Q1
www.ti.com
SLUSA12B – DECEMBER 2009 – REVISED OCTOBER 2017
Product Folder Links: UCC28C40-Q1 UCC28C41-Q1 UCC28C42-Q1 UCC28C43-Q1 UCC28C44-Q1 UCC28C45-Q1
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
8.3.2 Undervoltage Lockout
Three sets of UVLO thresholds are available with turnon and turnoff thresholds of: (14.5 V and 9 V), (8.4 V and
7.6 V), and (7 V and 6.6 V) respectively. The first set is primarily intended for off-line and 48-V distributed power
applications, where the wider hysteresis allows for lower frequency operation and longer soft-starting time of the
converter. The second group of UVLO options is ideal for high frequency DC-DC converters typically running
from a 12-VDC input. The third, and newest, set has been added to address battery powered and portable
applications. Table 2 shows the maximum duty cycle and UVLO thresholds by device.
Table 2. UVLO Options
MAXIMUM DUTY CYCLE
UVLO ON
UVLO OFF
PART NUMBER
100%
14.5 V
9 V
UCC28C42-Q1
100%
8.4 V
7.6 V
UCC28C43-Q1
100%
7 V
6.6 V
UCC28C40-Q1
50%
14.5 V
9 V
UCC28C44-Q1
50%
8.4 V
7.6 V
UCC28C45-Q1
50%
7 V
6.6 V
UCC28C41-Q1
During UVLO thedevicedraws less than 100 µA of supply current. Once crossing the turnon threshold
thedevicesupply current increases to a maximum of 3 mA, typically 2.3 mA. This low start-up current allows the
power supply designer to optimize the selection of the startup resistor value to provide a more efficient design. In
applications where low component cost overrides maximum efficiency, the low run current of 2.3 mA (typical)
allows the control device to run directly through the single resistor to (+) rail, rather than requiring a bootstrap
winding on the power transformer, along with a rectifier. The start and run resistor for this case must also pass
enough current to allow driving the primary switching MOSFET, which may be a few milliamps in small devices.
Figure 21. UVLO ON and OFF Profile
8.3.3 ±1% Internal Reference Voltage
The BiCMOS internal reference of 2.5 V has an enhanced design, and uses production trim to allow initial
accuracy of ±1% at room temperature and ±2% over the full temperature range. This can be used to eliminate an
external reference in applications that do not require the extreme accuracy afforded by the additional device. This
is useful for nonisolated DC-DC applications, where the control device is referenced to the same common as the
output. It is also applicable in off-line designs that regulate on the primary side of the isolation boundary by
looking at a primary bias winding, or from a winding on the output inductor of a buck-derived circuit.
8.3.4 Current Sense and Overcurrent Limit
An external series resistor (RCS) senses the current and converts this current into a voltage that becomes the
input to the CS pin. The CS pin is the noninverting input to the PWM comparator. The CS input is compared to a
signal proportional to the error amplifier output voltage; the gain of the current sense amplifier is typically 3 V/V.
The peak ISENSE current is determined using Equation 2


Similar Part No. - UCC28C43-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - UCC28C43-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com