Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28C43-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28C43-Q1
Description  Automotive BiCMOS Low-Power Current-Mode PWM Controllers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C43-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  UCC28C43-Q1 Datasheet HTML 1Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 2Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 3Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 4Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 5Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 6Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 7Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 8Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
1
COMP
8
VREF
2
FB
7
VDD
3
CS
6
OUT
4
RT/CT
5
GND
Not to scale
3
UCC28C40-Q1, UCC28C41-Q1, UCC28C42-Q1
UCC28C43-Q1, UCC28C44-Q1, UCC28C45-Q1
www.ti.com
SLUSA12B – DECEMBER 2009 – REVISED OCTOBER 2017
Product Folder Links: UCC28C40-Q1 UCC28C41-Q1 UCC28C42-Q1 UCC28C43-Q1 UCC28C44-Q1 UCC28C45-Q1
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
(1)
Preview status.
5 Device Comparison Table
UVLO
MAXIMUM
DUTY
CYCLE
TEMPERATURE (TA)
TURN ON AT 14.5 V
TURN OFF AT 9 V
SUITABLE FOR OFF-LINE
APPLICATIONS
TURN ON AT 8.4 V
TURN OFF AT 7.6 V
SUITABLE FOR DC/DC
APPLICATIONS
TURN ON AT 7 V
TURN OFF AT 6.6 V
SUITABLE FOR BATTERY
APPLICATIONS
UCC28C42QDRQ1(1)
UCC28C43QDRQ1
UCC28C40QDRQ1(1)
100%
–40ºC to 125ºC
UCC28C44QDRQ1(1)
UCC28C45QDRQ1(1)
UCC28C41QDRQ1(1)
50%
6 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
COMP
1
O
This pin provides the output of the error amplifier for compensation. In addition, the COMP pin is frequently
used as a control port, by utilizing a secondary-side error amplifier to send an error signal across the
secondary-primary isolation boundary through an opto-isolator. The error amplifier is internally current limited
so the user can command zero duty cycle by externally forcing COMP to GND.
CS
3
I
Primary-side current sense pin. The current sense pin is the noninverting input to the PWM comparator.
Connect to current sensing resistor. This signal is compared to a signal proportional to the error amplifier
output voltage. The PWM uses this to terminate the OUT switch conduction. A voltage ramp can be applied to
this pin to run the device with a voltage mode control configuration.
FB
2
I
This pin is the inverting input to the error amplifier. FB is used to control the power converter voltage-feedback
loop for stability. The noninverting input to the error amplifier is internally trimmed to 2.5 V ±1%.
GND
5
Ground return pin for the output driver stage and the logic level controller section.
OUT
6
O
The output of the on-chip drive stage. OUT is intended to directly drive a MOSFET. The OUT pin in the
UCC28C40-Q1, UCC28C42-Q1, and UCC28C43-Q1 is the same frequency as the oscillator, and can operate
near 100% duty cycle. In the UCC28C41-Q1, UCC28C44-Q1, and UCC28C45-Q1, the frequency of OUT is
one-half that of the oscillator due to an internal T flipflop. This limits the maximum duty cycle to < 50%. Peak
currents of up to 1 A are sourced and sunk by this pin. OUT is actively held low when VDD is below the turnon
threshold.
RT/CT
4
I/O
Fixed frequency oscillator set point. Connect timing resistor (RRT) to VREF and timing capacitor (CCT) to GND
from this pin to set the switching frequency. For best performance, keep the timing capacitor lead to the device
GND as short and direct as possible. If possible, use separate ground traces for the timing capacitor and all
other functions. The switching frequency (fSW) of the UCC28C40-Q1, UCC28C42-Q1, and UCC28C43-Q1 gate
drive is equal to fOSC; the switching frequency of the UCC28C41-Q1, UCC28C44-Q1, and UCC28C45-Q1 is
equal to half of the fOSC.
VDD
7
I
Analog controller bias input that provides power to the device. Total VDD current is the sum of the quiescent
VDD current and the average OUT current. A bypass capacitor, typically 0.1 µF, connected directly to GND
with minimal trace length, is required on this pin. Additional capacitance at least 10 times greater than the gate
capacitance of the main switching FET used in the design is also required on VDD.


Similar Part No. - UCC28C43-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - UCC28C43-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com