Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28C43-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28C43-Q1
Description  Automotive BiCMOS Low-Power Current-Mode PWM Controllers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28C43-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button UCC28C43-Q1 Datasheet HTML 18Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 19Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 20Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 21Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 22Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 23Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 24Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 25Page - Texas Instruments UCC28C43-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
UCC28C40-Q1, UCC28C41-Q1, UCC28C42-Q1
UCC28C43-Q1, UCC28C44-Q1, UCC28C45-Q1
SLUSA12B – DECEMBER 2009 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: UCC28C40-Q1 UCC28C41-Q1 UCC28C42-Q1 UCC28C43-Q1 UCC28C44-Q1 UCC28C45-Q1
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The UCC28C4x-Q1 controllers are peak current mode pulse width modulators. These controllers have an
onboard amplifier and can be used in isolated and nonisolated power supply designs. There is an onboard totem
pole gate driver capable of delivering 1 A of peak current. This is a high-speed PWM capable of operating at
switching frequencies up to 1 MHz. Figure 29 shows a typical off-line application.
Figure 29. Typical Off-Line Application


Similar Part No. - UCC28C43-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - UCC28C43-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_16 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com