Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21220D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21220D
Description  4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21220D Datasheet(HTML) 4 Page - Texas Instruments

  UCC21220D Datasheet HTML 1Page - Texas Instruments UCC21220D Datasheet HTML 2Page - Texas Instruments UCC21220D Datasheet HTML 3Page - Texas Instruments UCC21220D Datasheet HTML 4Page - Texas Instruments UCC21220D Datasheet HTML 5Page - Texas Instruments UCC21220D Datasheet HTML 6Page - Texas Instruments UCC21220D Datasheet HTML 7Page - Texas Instruments UCC21220D Datasheet HTML 8Page - Texas Instruments UCC21220D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
UCC21220
SLUSCK0 – NOVEMBER 2017
www.ti.com
Product Folder Links: UCC21220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
To maintain the recommended operating conditions for TJ, see the Thermal Information.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input bias pin supply voltage
VCCI to GND
–0.5
6
V
Driver bias supply
VDDA-VSSA, VDDB-VSSB
–0.5
20
V
Output signal voltage
OUTA to VSSA, OUTB to VSSB
–0.5
VVDDA+0.5,
VVDDB+0.5
V
OUTA to VSSA, OUTB to VSSB, Transient for 100
ns
–5
VVDDA+0.5,
VVDDB+0.5
V
Input signal voltage
INA, INB, DIS to GND
–0.5
VVCCI+0.5
V
INA, INB Transient to GND for 100ns
–5
VVCCI+0.5
V
Junction temperature, TJ
(2)
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCCI
VCCI Input supply voltage
3
5.5
V
VDDA,
VDDB
Driver output bias supply
9.2
18
V
fS
Input, INA and INB, signal frequency
10
MHz
TJ
Junction Temperature
–40
130
°C
TA
Ambient Temperature
–40
125
°C


Similar Part No. - UCC21220D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220D TI1-UCC21220D Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220DR TI1-UCC21220DR Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results

Similar Description - UCC21220D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com