Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC21220 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC21220
Description  4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC21220 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC21220 Datasheet HTML 2Page - Texas Instruments UCC21220 Datasheet HTML 3Page - Texas Instruments UCC21220 Datasheet HTML 4Page - Texas Instruments UCC21220 Datasheet HTML 5Page - Texas Instruments UCC21220 Datasheet HTML 6Page - Texas Instruments UCC21220 Datasheet HTML 7Page - Texas Instruments UCC21220 Datasheet HTML 8Page - Texas Instruments UCC21220 Datasheet HTML 9Page - Texas Instruments UCC21220 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
UCC21220
SLUSCK0 – NOVEMBER 2017
www.ti.com
Product Folder Links: UCC21220
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these specifications.
(2)
This coupler is suitable for basic electrical insulation only within the maximum operating ratings. Compliance with the safety ratings shall
be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-pin device.
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
CLR
External clearance(1)
Shortest pin-to-pin distance through air
> 4
mm
CPG
External creepage(1)
Shortest pin-to-pin distance across the package surface
> 4
mm
DTI
Distance through the
insulation
Minimum internal gap (internal clearance)
>16
µm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
> 600
V
Material group
According to IEC 60664-1
I
Overvoltage category per
IEC 60664-1
Rated mains voltage
≤ 150 VRMS
I-IV
Rated mains voltage
≤ 300 VRMS
I-IV
Rated mains voltage
≤ 600 VRMS
I-III
DIN V VDE 0884-10 (VDE V 0884-10): 2006-2012(2)
VIORM
Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
990
VPK
VIOWM
Maximum working isolation
voltage
AC voltage (sine wave); time dependent dielectric breakdown
(TDDB) test; (See )
700
VRMS
DC Voltage
990
VDC
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM, t = 60 s (qualification); VTEST = 1.2 × VIOTM, t
= 1 s (100% production)
4242
VPK
VIOSM
Maximum surge isolation
voltage(3)
Test method per IEC 62368-1, 1.2/50 μs waveform, VTEST =
1.3 × VIOSM = 7800 VPK (qualification)
6000
VPK
qpd
Apparent charge(4)
Method a, After Input/Output safety test subgroup 2/3,
Vini = VIOTM, tini = 60s;
Vpd(m) = 1.2 × VIORM, tm = 10s
<5
pC
Method a, After environmental tests subgroup 1,
Vini = VIOTM, tini = 60s;
Vpd(m) = 1.2 × VIORM, tm = 10s
<5
Method b1; At routine test (100% production) and
preconditioning (type test)
Vini = 1.2 × VIOTM; tini = 1 s;
Vpd(m) = 1.5 × VIORM , tm = 1s
<5
CIO
Barrier capacitance, input to
output(5)
VIO = 0.4 sin (2πft), f =1 MHz
0.5
pF
RIO
Isolation resistance, input to
output
VIO = 500 V at TA = 25°C
> 1012
Ω
VIO = 500 V at 100°C ≤ TA ≤ 125°C
> 1011
VIO = 500 V at TS =150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO = 3000 VRMS, t = 60 sec. (qualification),
VTEST = 1.2 × VISO = 3600VRMS, t = 1 sec (100% production)
3000
VRMS


Similar Part No. - UCC21220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220 TI1-UCC21220 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220A TI1-UCC21220A Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220AD TI1-UCC21220AD Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220ADR TI1-UCC21220ADR Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21220D TI1-UCC21220D Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results

Similar Description - UCC21220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC21220 TI1-UCC21220_18 Datasheet
1Mb / 43P
[Old version datasheet]   UCC21220A 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
UCC21222 TI1-UCC21222 Datasheet
1Mb / 43P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21222-Q1 TI1-UCC21222-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Automotive 4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver with Dead Time
UCC21225A TI1-UCC21225A Datasheet
1Mb / 45P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver in LGA
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC21520-Q1 TI1-UCC21520-Q1_18 Datasheet
2Mb / 50P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC21521 TI1-UCC21521 Datasheet
986Kb / 44P
[Old version datasheet]   UCC21521 4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Enable
UCC21320-Q1 TI1-UCC21320-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   UCC21320-Q1 4-A, 6-A, 3.75-kVRMS Isolated Dual-Channel Gate Driver for Automotive
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com