Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG60-3011-25-S012 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG60-3011-25-S012
Description  ultra miniature pcb automotive relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG60-3011-25-S012 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG60-3011-25-S012 Datasheet HTML 1Page - Willow Technologies Ltd DG60-3011-25-S012 Datasheet HTML 2Page - Willow Technologies Ltd DG60-3011-25-S012 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG60
ultra miniature pcb automotive relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
PCB Mounting Dimensions
Fig. 2
Wiring Diagrams (Bottom View)
Mounting Holes (Bottom View)
Dimensions in mm / inches. Inch equivalents are for general information only.
Dimensions in mm
Reference Curves
Fig. 3
Specifications are subject to change without notice. E&OE.
Ref: DG60 030116JHM
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Electrical life is strongly dependent on switching frequency, On/Off ratio and environmental conditions.
3: Reflow compatible plastics only available in flux tight version and with Class H coil insulation. Consult factory before ordering.
40
30
20
10
0
05
10
20
25
30
Load limit curve
225
Umax.
Upick-up (initial)
24
22
20
18
16
14
12
10
8
6
4
2
0
-60
-40-
20
02
04
06
08
01
00
-60-
40
-200
20
40
60
80
100
24
22
20
18
16
14
12
10
8
6
4
2
0
180
Umax.
Upick-up (initial)
coil resistance
coil resistance
Switching current (A)
Ambient temperature (°C)
Ambient temperature (°C)
0.157
0.331
0.039
0.063
0.035
6- 1.6
0.9
4- 1.0
4
8.4


Similar Part No. - DG60-3011-25-S012

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG60 AEC-DG60 Datasheet
444Kb / 3P
   Single and Twin relays
logo
Vishay Siliconix
DG604 VISHAY-DG604 Datasheet
190Kb / 10P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. A, 24-Dec-07
DG604 VISHAY-DG604 Datasheet
215Kb / 12P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
Rev. C, 18-Jul-11
DG604 VISHAY-DG604 Datasheet
242Kb / 13P
   1.0 pC Charge Injection, 100 pA Leakage, 4-Channel Multiplexer
01-Jan-2022
logo
TOKO, Inc
DG6045C TOKO-DG6045C Datasheet
88Kb / 1P
   Low Profile (H 4.5mm Max).
More results

Similar Description - DG60-3011-25-S012

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8NW-2 OMRON-G8NW-2 Datasheet
306Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG20 WILLOW-DG20 Datasheet
215Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1 OMRON-G8N1 Datasheet
139Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
Willow Technologies Ltd
DG27 WILLOW-DG27 Datasheet
355Kb / 2P
   ultra miniature automotive pcb relay
logo
Omron Electronics LLC
G8N1HDC12SK OMRON-G8N1HDC12SK Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8N-1 OMRON-G8N-1 Datasheet
251Kb / 6P
   Ultra-Miniature Automotive PCB Relay
G8ND-2 OMRON-G8ND-2 Datasheet
542Kb / 6P
   Ultra-Miniature Automotive PCB Relay
logo
List of Unclassifed Man...
G8ND ETC-G8ND Datasheet
170Kb / 6P
   Ultra-Miniature Automotive Dual PCB Relay G8ND2
logo
Sanyou Corporation Limi...
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
   Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
   Miniature PCB Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com