Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O917A152TRGZRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # O917A152TRGZRQ1
Description  Power Management Unit (PMU) for Processor
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

O917A152TRGZRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  O917A152TRGZRQ1 Datasheet HTML 1Page - Texas Instruments O917A152TRGZRQ1 Datasheet HTML 2Page - Texas Instruments O917A152TRGZRQ1 Datasheet HTML 3Page - Texas Instruments O917A152TRGZRQ1 Datasheet HTML 4Page - Texas Instruments O917A152TRGZRQ1 Datasheet HTML 5Page - Texas Instruments O917A152TRGZRQ1 Datasheet HTML 6Page - Texas Instruments O917A152TRGZRQ1 Datasheet HTML 7Page - Texas Instruments O917A152TRGZRQ1 Datasheet HTML 8Page - Texas Instruments O917A152TRGZRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
I
2C and SPI
I/O
OSC + PLL
12-Bit GPADC
32-kHz RC Oscillator
÷6
PLL
VSYS Monitor
LDO1, Bypass
Short Circuit Monitor
LDO2, Bypass
Short Circuit Monitor
LDO3
Short Circuit Monitor
LDO4
Short Circuit Monitor
LDO5, LN
Short Circuit Monitor
LDOVANA
BBS
LDOVRTC
INT
PWRON
VCCA
LDO1_OUT
LDO3_IN
LDO4_IN
LDO5_OUT
LDO5_IN
VBG
REFGND
VCC_SENSE
VIO_IN
LDO12_IN
LDO2_OUT
LDO3_OUT
LDO4_OUT
LDOVANA_OUT
LDOVRTC_OUT
SYNCDCDC
SYNCCLKOUT
VCC_SENSE
Independent Bandgap
VCCA
SMPS2
VIN Monitor,
Thermal SD,
Short Circuit Monitor
Dual Phase or
Single Phase
SMPS3
VIN Monitor,
Thermal SD,
Short Circuit Monitor
SMPS4
VIN Monitor,
Short Circuit Monitor
SMPS5
VIN Monitor,
Thermal SD,
Short Circuit Monitor
SMPS1
VIN Monitor,
Thermal SD,
Short Circuit Monitor
SMPS2_IN
SMPS1_IN
SMPS1_FDBK
SMPS2_FDBK
SMPS3_IN
SMPS3_FDBK
SMPS4_IN
SMPS4_FDBK
SMPS5_IN
SMPS5_FDBK
PWRDOWN
POWERHOLD
RESET_IN
NSLEEP
NRESWARM
OTP
Power
Sequencer
I
2C and SPI
Interrupt Handler
First Supply Detection
Event Handler
I
2C and SPI
Watchdog Timer
Registers
CRC
I2C/SPI
OFF2ACT
ACT2OFF
ACT2SLP
SLP2ACT
NRESWARM
Resource Controller
Registers
CNTRL
GPADC Controller
Thermal
Monitor
VCCA
VIO
7x GPIO
POWERGOOD Monitor
VANA (1.5 V)
POWERGOOD
SMPS/LDO
POWERGOOD/SHORT/
VINLOW
1.23-V
Vref
RC15M
OSC
Bandgap
REFSYS
3
TPS65917-Q1
www.ti.com
SLVSCO4C – JULY 2015 – REVISED MARCH 2017
Submit Documentation Feedback
Product Folder Links: TPS65917-Q1
Device Overview
Copyright © 2015–2017, Texas Instruments Incorporated
1.4
Functional Diagram
Figure 1-1. Functional Diagram


Similar Part No. - O917A152TRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
O917A152TRGZRQ1 TI1-O917A152TRGZRQ1 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A152TRGZRQ1 TI1-O917A152TRGZRQ1 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A152TRGZRQ1 TI-O917A152TRGZRQ1 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results

Similar Description - O917A152TRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com