Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

O917A133TRGZRQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # O917A133TRGZRQ1
Description  Power Management Unit (PMU) for Processor
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

O917A133TRGZRQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button O917A133TRGZRQ1 Datasheet HTML 5Page - Texas Instruments O917A133TRGZRQ1 Datasheet HTML 6Page - Texas Instruments O917A133TRGZRQ1 Datasheet HTML 7Page - Texas Instruments O917A133TRGZRQ1 Datasheet HTML 8Page - Texas Instruments O917A133TRGZRQ1 Datasheet HTML 9Page - Texas Instruments O917A133TRGZRQ1 Datasheet HTML 10Page - Texas Instruments O917A133TRGZRQ1 Datasheet HTML 11Page - Texas Instruments O917A133TRGZRQ1 Datasheet HTML 12Page - Texas Instruments O917A133TRGZRQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
Copyright © 2015–2017, Texas Instruments Incorporated
Pin Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TPS65917-Q1
9
TPS65917-Q1
www.ti.com
SLVSCO4C – JULY 2015 – REVISED MARCH 2017
(1)
Default option.
(2)
Pullup and pulldown resistors: PU = Pullup, PD = Pulldown, PPU = Software-programmable pullup, PPD = Software-programmable pulldown.
3.2
Signal Descriptions
Table 3-1. Signal Descriptions
SIGNAL NAME
LEVEL
I/O(1)
INPUT PU/PD(2)
PU/PD SELECTION
OUTPUT TYPE
SELECTION
ACTIVITY
OTP POLARITY
SELECTION
PWRON
VSYS (VCCA)
Input
PU fixed
N/A (fixed)
N/A (input)
Low
No
BOOT
VRTC
Tri-level input
N/A (input)
N/A (input)
N/A (input)
Boot conf.
No
GPIO_0
(primary function)
VRTC, fail-safe
(5.25-V tolerance)
Input(1)/output
PPD
OTP/SW
Open-drain
Low or high
Yes
GPIO_0
secondary
function:
PWRDOWN
Input
PPD (Opt. Ext. PU)
OTP/SW
N/A (input)
High
Yes
GPIO_0
secondary
function:
ENABLE2
Input
PPD(1)
SW
N/A (input)
High
No, but software
possible
GPIO_0
secondary
function: REGEN1
Output
N/A (output)
N/A (output)
Open-drain
High
No
GPIO_1
(primary function)
VRTC, fail-safe
(5.25-V tolerance)
Input(1)/output
PPD
OTP/SW
Open-drain
Low or high
Yes
GPIO_1
secondary
function:
RESET_IN
Input
PPD
OTP/SW
N/A (input)
Low
Yes
GPIO_1
secondary
function:
NRESWARM
Input
PPD
OTP/SW
N/A (input)
Low or high
Yes
GPIO_1
secondary
function:
VBUS_SENSE
Input
No
No
N/A (input)
High
No


Similar Part No. - O917A133TRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
O917A133TRGZRQ1 TI1-O917A133TRGZRQ1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A133TRGZRQ1 TI1-O917A133TRGZRQ1 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A133TRGZRQ1 TI1-O917A133TRGZRQ1 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A133TRGZRQ1 TI1-O917A133TRGZRQ1 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
O917A133TRGZRQ1 TI-O917A133TRGZRQ1 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results

Similar Description - O917A133TRGZRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65919-Q1 TI1-TPS65919-Q1_17 Datasheet
2Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1_18 Datasheet
2Mb / 109P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS659038-Q1 TI1-TPS659038-Q1 Datasheet
880Kb / 14P
[Old version datasheet]   Automotive Power Management Unit (PMU) for Processor
TPS65917-Q1 TI-TPS65917-Q1_V01 Datasheet
2Mb / 93P
[Old version datasheet]   TPS65917-Q1 Power Management Unit (PMU) for Processor
FEBRUARY 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com