Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTPS92610QPWPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Part # PTPS92610QPWPRQ1
Description  Automotive Single-Channel LED Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTPS92610QPWPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  PTPS92610QPWPRQ1 Datasheet HTML 1Page - Texas Instruments PTPS92610QPWPRQ1 Datasheet HTML 2Page - Texas Instruments PTPS92610QPWPRQ1 Datasheet HTML 3Page - Texas Instruments PTPS92610QPWPRQ1 Datasheet HTML 4Page - Texas Instruments PTPS92610QPWPRQ1 Datasheet HTML 5Page - Texas Instruments PTPS92610QPWPRQ1 Datasheet HTML 6Page - Texas Instruments PTPS92610QPWPRQ1 Datasheet HTML 7Page - Texas Instruments PTPS92610QPWPRQ1 Datasheet HTML 8Page - Texas Instruments PTPS92610QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
TPS92610-Q1
SLDS233 – NOVEMBER 2017
www.ti.com
Product Folder Links: TPS92610-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
TPS92610-Q1
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC
Q100-002(1)
All pins
±2000
V
Charged-device model (CDM), per AEC
Q100-011
All pins
±500
Corner pins (1, 7, 8, and
14)
±750
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
SUPPLY
Device supply voltage
4.5
40
V
IN
Sense voltage
4.4
40
V
PWM
PWM input
0
40
V
DIAGEN
Diagnostics enable pin
0
40
V
OUT
Driver output
0
40
V
SSH
Single LED short high-side reference
0
5
V
SSL
Single LED short low-side reference
0
5
V
EN
Device enable
0
40
V
FAULT
Fault bus
0
7
V
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
6.4 Thermal Information
THERMAL METRIC(1)
TPS92610-Q1
UNIT
PWP (HTSSOP)
14 PINS
RθJA
Junction-to-ambient thermal resistance
52.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.5
°C/W
RθJB
Junction-to-board thermal resistance
22.0
°C/W
ψJT
Junction-to-top characterization parameter
1.6
°C/W
ψJB
Junction-to-board characterization parameter
22.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
6.5
°C/W
6.5 Electrical Characteristics
V(SUPPLY) = 5 V – 40 V, TJ = –40°C–150°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS
V(POR_rising)
Supply voltage POR rising
threshold
3.2
4
V
V(POR_falling)
Supply voltage POR falling
threshold
2.2
3
V
I(Shutdown)
Device shutdown current
EN = LOW
5
10
µA
I(Quiescent)
Device quiescent current
PWM = HIGH, EN = HIGH
0.1
0.2
0.25
mA
I(FAULT)
Device current in fault mode
EN = HIGH, PWM = HIGH, FAULT
externally pulled LOW
0.1
0.2
0.25
mA


Similar Part No. - PTPS92610QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTPS92611QDGNRQ1 TI1-PTPS92611QDGNRQ1 Datasheet
2Mb / 24P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
PTPS92612QDBVRQ1 TI1-PTPS92612QDBVRQ1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
PTPS92613QNDRRQ1 TI1-PTPS92613QNDRRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
PTPS92613QNDRRQ1 TI1-PTPS92613QNDRRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
More results

Similar Description - PTPS92610QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1_17 Datasheet
3Mb / 29P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92611-Q1 TI1-TPS92611-Q1 Datasheet
2Mb / 24P
[Old version datasheet]   Automotive Single-Channel Linear LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI-TPS92601-Q1_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
logo
ON Semiconductor
CAT310 ONSEMI-CAT310 Datasheet
151Kb / 10P
   10 Channel Automotive LED Display Driver
November, 2009 ??Rev. 2
logo
Catalyst Semiconductor
CAT310 CATALYST-CAT310 Datasheet
374Kb / 10P
   10 Channel Automotive LED Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com