Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4811AG Datasheet(PDF) 7 Page - Summit Microelectronics, Inc.

Part # SMH4811AG
Description  DISTRIBUTED POWER HOT SWAP CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4811AG Datasheet(HTML) 7 Page - Summit Microelectronics, Inc.

Back Button SMH4811AG Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4811AG Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4811AG Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4811AG Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4811AG Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4811AG Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4811AG Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4811AG Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4811AG Datasheet HTML 11Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
2044 6.1 2/8/01
SMH4811A
SUMMIT MICROELECTRONICS, Inc.
Preliminary
Under-/Over-Voltage Filtering
The SMH4811A may also be configured so that an out of
tolerance condition on UV/OV will not shut off the output
immediately. Instead, a filter delay may be inserted so that
only sustained under-voltage or over-voltage conditions
will shut off the output. When the UV/OV filter option is
enabled an out of tolerance condition on UV or OV for
longer than the filter delay time, tUOFLTR, activates the
FAULT# output, and the VGATE and PG outputs will be
latched in the off state. To initiate another power-up
sequence the FAULT# output must first be reset. Refer to
the appropriate section on resetting the FAULT# output.
The Under-/Over-Voltage Filtering feature is disabled in
the default configuration of the device.
Under-Voltage Hysteresis
The Under-Voltage comparator input may be configured
with a programmable level of hysteresis. The compare
level may be set in steps (up to 15) of 62.5mV below 2.5V.
The default under-voltage hysteresis level is set to
62.5mV.
Soft Start Slew Rate Control
Once all of the preconditions for powering up the DC/DC
controller have been met, the SMH4811A provides a
means to soft start the external power FET. It is important
to limit in-rush current to prevent damage to the add-in
card or disruptions to the host power supply. For example,
Figure 2. Complete Power On Timing Sequence
VDD
2044 Fig02 5.0
UV
OV
PD1# +
PD2#
VGATE
DRAIN
SENSE
2.5VREF
2.5VREF
11
≤ VDD ≤ 13
tPDD
PG#
<tPUVF
50mVREF
<tCBD
ENPG
CBSENSE
5V
VDD
VDD – VGT


Similar Part No. - SMH4811AG

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
More results

Similar Description - SMH4811AG

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com