Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4811 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMH4811
Description  DISTRIBUTED POWER HOT SWAP CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4811 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMH4811 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4811 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4811 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4811 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4811 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4811 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4811 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4811 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4811 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SMH4811A
2044 6.1 2/8/01
SUMMIT MICROELECTRONICS, Inc.
Preliminary
PIN CONFIGURATION
FUNCTIONAL BLOCK DIAGRAM
RECOMMENDED OPERATING CONDITIONS
Temperature
–40°C to 85°C.
DRAIN SENSE
VGATE
EN/TS
PD1#
PD2#
FAULT#
CBSENSE
VSS
VDD
PG#
ENPG
NC
2.5VREF
5VREF
OV
UV
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
2044 PCon 5.0
16-Pin SOIC
PROGRAMM-
ABLE
DELAY
PROGRAMM-
ABLE
DELAY
+
+
+
Programmable
Quick Response
Ref. Voltage
50mV
DUTY
CYCLE
TIMER
FILTER
+
5V
2.5V
12V
VGATE
SENSE
+
VDD
VSS
CBSENSE
EN/TS
PD1#
PD2#
UV
OV
ENPG
2.5VREF
PG#
DRAIN
SENSE
VGATE
FAULT#
5.0VREF
12VREF
2044 BD 5.2
16
3
1
4
10
8
5
9
7
2
6
11
15
12
14
50k
200k
50k
50k


Similar Part No. - SMH4811

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
More results

Similar Description - SMH4811

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4811A SUMMIT-SMH4811A_09 Datasheet
936Kb / 15P
   Programmable Distributed Power Hot-Swap Controller for High-Availability Systems
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com