Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22917 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22917
Description  1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22917 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22917 Datasheet HTML 6Page - Texas Instruments TPS22917 Datasheet HTML 7Page - Texas Instruments TPS22917 Datasheet HTML 8Page - Texas Instruments TPS22917 Datasheet HTML 9Page - Texas Instruments TPS22917 Datasheet HTML 10Page - Texas Instruments TPS22917 Datasheet HTML 11Page - Texas Instruments TPS22917 Datasheet HTML 12Page - Texas Instruments TPS22917 Datasheet HTML 13Page - Texas Instruments TPS22917 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
J(MAX)
A
D(MAX)
JA
T
T
P
-
=
q
11
TPS22917
www.ti.com
SLVSDW8 – SEPTEMBER 2017
Product Folder Links: TPS22917
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10.2 Layout Example
Figure 4. Recommended Board Layout
10.3 Thermal Considerations
The maximum IC junction temperature should be restricted to 125°C under normal operating conditions. To
calculate the maximum allowable dissipation, PD(max) for a given output current and ambient temperature, use
Equation 8:
where
PD(MAX) = maximum allowable power dissipation
TJ(MAX) = maximum allowable junction temperature (125°C for the TPS22917)
TA = ambient temperature of the device
θJA = junction to air thermal impedance. Refer to the Thermal Information table. This parameter is highly
dependent upon board layout.
(8)


Similar Part No. - TPS22917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917 TI1-TPS22917 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI-TPS22917 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917DBVR TI1-TPS22917DBVR Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22917DBVR TI-TPS22917DBVR Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22917DBVT TI1-TPS22917DBVT Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
More results

Similar Description - TPS22917

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22917 TI1-TPS22917_18 Datasheet
1Mb / 27P
[Old version datasheet]   1 V??.5-V, 2-A, 80-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI1-TPS22916 Datasheet
330Kb / 21P
[Old version datasheet]   1 V??.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22917 TI-TPS22917_V01 Datasheet
2Mb / 29P
[Old version datasheet]   TPS22917x 1 V??.5-V, 2-A, 80-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI1-TPS22916_17 Datasheet
1Mb / 29P
[Old version datasheet]   1-V ??5.5-V, 2-A, 60-m(ohm) Ultra-Low Leakage Load Switch
TPS22916 TI-TPS22916_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22916 TI-TPS22916_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TPS22916xx 1-V??.5-V, 2-A, 60-m廓 Ultra-Low Leakage Load Switch
DECEMBER 2021
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22860 TI1-TPS22860 Datasheet
895Kb / 18P
[Old version datasheet]   Ultra-Low Leakage Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com