Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG34-1011-35-1012 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DG34-1011-35-1012
Description  pcb / industrial power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG34-1011-35-1012 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DG34-1011-35-1012 Datasheet HTML 1Page - Willow Technologies Ltd DG34-1011-35-1012 Datasheet HTML 2Page - Willow Technologies Ltd DG34-1011-35-1012 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DG34
pcb / industrial power relay
Contacts
Contact number & arrangement
SPST-NO (1 Normally Open); SPDT ( 1 Changeover)
Contact material
AgSnO
2 (standard), AgCdO
Max. switching voltage
AgSnO
2 : 250VAC / 110VDC
AgCdO : 250VAC / 28VDC
Min. switching current / voltage
500mA/12VDC (AgCdO, AgSnO
2)
Max. continuous current
AgSnO
2 : SPST-NO: 40A / SPDT: 40A (NO), 30A (NC)
AgCdO : SPST-NO: 30A / SPDT: 30A (NO), 20A (NC)
Max. switching current
AgSnO
2 : SPST-NO: 40A / SPDT: 40A (NO), 30A (NC)
Max. switching power
AgSnO
2 : 7200VA / 1100W : AgCdO: 6000VA / 560W
Initial resistance
≤ 100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
3...110VDC; 12...220VAC
Must release voltage
DC ≥ 0.1Un : AC ≥ 0.3Un
Operating range of supply voltage
See coil tables 1 & 2
Rated power consumption
0.93W (DC), 1.2VA (AC)
Insulation
Insulation resistance
>100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 4000Vrms, 1min (50Hz)
between open contacts 1500Vrms, 1min (50Hz)
creepage / clearance - coil to contact ≥ 3mm
General Data
Operating time (typical)
ms 15
Release time (typical)
ms 10
Electrical Life
ops 1 x 105 (1s on / 1s off)
Mechanical life
ops 1 x 106 (300 ops per minute)
Dimensions
L x W x H various - see dimensional drawings. (Figs 1 & 4)
Weight
≤ 36g
Ambient temperature
storage -40 to 155°C
operating -40 to 125°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Drop resistance
1M height drop on to concrete (sealed type only)
Vibration resistance
10-55Hz: DA 1.5mm
• Up to 40A /240VAC continuous rating
• 110VDC maximum switching voltage
• Industry standard style
• Cost effective
• RoHS Compliant
Ref: DG34 041515 JHM
E325835
Specifications are subject to change without notice. E&OE.


Similar Part No. - DG34-1011-35-1012

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG34 AEC-DG34 Datasheet
350Kb / 3P
   Industry standard style
logo
Vishay Siliconix
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG3408 VISHAY-DG3408 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG3408DB VISHAY-DG3408DB Datasheet
12Kb / 1P
   Device Orientation-MICRO FOOT Packages
04-Jun-04
More results

Similar Description - DG34-1011-35-1012

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
   pcb and industrial power relay
DG38B WILLOW-DG38B Datasheet
264Kb / 3P
   pcb and industrial power relay
DG38 WILLOW-DG38 Datasheet
279Kb / 3P
   pcb and industrial power relay
logo
OEN India Limited
OEN45 OENINDIA-OEN45_18 Datasheet
248Kb / 2P
   INDUSTRIAL PCB RELAY
logo
Willow Technologies Ltd
DG19 WILLOW-DG19 Datasheet
324Kb / 3P
   pcb automotive / industrial relay
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
Willow Technologies Ltd
DLR WILLOW-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
3R-1-6-4R OENINDIA-3R-1-6-4R Datasheet
32Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com