Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG34A-8021-75-1024-P597 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DG34A-8021-75-1024-P597
Description  automotive pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG34A-8021-75-1024-P597 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DG34A-8021-75-1024-P597 Datasheet HTML 1Page - Willow Technologies Ltd DG34A-8021-75-1024-P597 Datasheet HTML 2Page - Willow Technologies Ltd DG34A-8021-75-1024-P597 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact
Material
Contact
arrangement
Cover protec-
tion and
mounting
Coil code
D
G
3
4
A
-
-
-
-
Contact Material
10
-
AgCdO
see Table 1
20
-
AgNi 90/10
70
-
AgSnOInO
80
AgNi 0.15
Contact Arrangement
11
-
SPDT ( 1 Changeover)
21
-
SPST-NO (1 Normally open)
Cover Protection Category
1
-
No cover (open frame)
3
-
Covered, sealed. IP67
7
-
Covered, dust cover
Terminations and mounting
5
-
PCB only
Options
P505
-
UL Class F Coil insulation
P597
-
UL Class H Coil insulation
P167
-
Special modification for starter solenoid switching.
DG34A
automotive pcb power relay
Ref: DG34A 121913JHM
Coil Data
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance (Ω)
±10%
Must operate volt-
age max. (VDC)
Max. allowable
voltage (VDC)
Must release volt-
age min. (VDC)
1006
6
27
3.6
11.7
0.6
1012
12
97
7.2
22.2
1.2
1024
24
380
14.4
43.9
2.4
Page 2 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552


Similar Part No. - DG34A-8021-75-1024-P597

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG34A AEC-DG34A Datasheet
364Kb / 3P
   Optional version for starter solenoids
More results

Similar Description - DG34A-8021-75-1024-P597

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
   Automotive Miniature PCB Power Relay
logo
Picker Components
PC617 PICKER-PC617 Datasheet
235Kb / 2P
   Automotive Twin PCB Power Relay
logo
List of Unclassifed Man...
HG4119 ETC1-HG4119 Datasheet
169Kb / 2P
   Automotive Miniature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517 Datasheet
196Kb / 2P
   Automotive Subminiature PCB Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC822A PICKER-PC822A Datasheet
179Kb / 2P
   Miniature Automotive PCB Power Relay
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
   Ultraminiature Automotive PCB Power Relay
logo
List of Unclassifed Man...
HG4181 ETC1-HG4181 Datasheet
53Kb / 2P
   Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com