Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1906 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE1906
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 18V, 100mA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1906 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (VI = 27V, IO = 40mA, CI = 0.33µF, CO = 0.1µF,
0
° < TJ < +125°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Load Regulation
Regload TJ = +25°C, 1mA ≤ IO ≤ 100mA
170
mV
Quiescent Current
IB
TJ = +125°C
2
6
mA
Quiescent Current Change
∆IB
With line, 21V
≤ VI ≤ 33V
1.5
mA
With load, 1mA
≤ IO ≤ 40mA
0.1
mA
Output Noise Voltage
Vn
TJ = +25°C, f = 10Hz to 10kHz
150
µV
Long–Term Stability
∆VO/∆t
56
mV/1kHrs
Ripple Rejection
RR
f = 120Hz, 23V
≤ VI ≤ 33V
33
48
dB
Dropout Voltage
VDO
TJ = +25°C, IO = 40mA
1.7
V
VOUT
GND
VIN
.135 (3.45) Min
Seating Plane
.021 (.445) Dia Max
.210
(5.33)
Max
.500
(12.7)
Min
.050 (1.27)
.165 (4.2) Max
.105 (2.67) Max
.100 (2.54)
.105 (2.67) Max
.205 (5.2) Max


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn