Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1906 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1906
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 18V, 100mA
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE1906 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1906
Integrated Circuit
Positive 3 Terminal Voltage Regulator,
18V, 100mA
Description:
The NTE1906 is a positive 3–terminal voltage regulator in a TO92 type package suitable for numerous
applications requiring up to 100mA. This device features thermal shutdown and current limiting making
the NTE1906 remarkably rugged. In most applications, no external components are required.
The NTE1906 is useful for on–card regulation or any other application where a regulated positive volt-
age at a modest current level is needed. This device offers a substantial advantage over he common
resistor/zener diode approach.
Features:
D Internal Short–Circuit Current Limiting
D Internal Thermal Overload Protection
D No External Components Required
Absolute Maximum Ratings:
Input Voltage, VI
35V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Internal Power Dissipation (Note 1), PD
Internally Limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, Topr
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ
+125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Junction Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldring, 10sec), TL
+300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Thermal resistance, junction–to–ambient is 180
°C/W when mounted with 0.4” leads on a PC
board and 160
°C/W when mounted with .250” leads on a PC board.
Electrical Characteristics: (VI = 27V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, 0° < TJ < +125°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = +25°C
17.3
18.0
18.7
V
20.7V
≤ VI ≤ 33V, 1mA ≤ IO ≤ 100mA
17.1
18.0
18.9
V
Line Regulation
Regline
TJ = +25°C, 20.7V ≤ VI ≤ 33V
325
mV


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn