Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT10064-S1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT10064-S1A
Description  Dual-band Wi-Fi / WLAN Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10064-S1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT10064-S1A Datasheet HTML 1Page - World Produts Inc. WPANT10064-S1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
March 4, 2016
Page | 1
WPANT10064
Dual-band Wi-Fi / WLAN Antenna
WPANT10064-S1A
5’’ micro co-ax with IPX MHF connector
Note: Different cable and connector style requests can be accommodated.
Application
A sleek plug and play antenna for 2.4 GHz and 5 GHz Wi-Fi / WLAN frequencies. This antenna works very well on any metallic or
non-metallic surface.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
troubleshoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
2.4 – 2.5 GHz
4.9 – 5.9 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
3 dBi
Efficiency [%] (Typical)
80 %
70 %
Polarization
Linear
Linear
Pattern
Near Omni-directional
Near Omni-directional
Mechanical / Environmental Properties
Antenna Dimensions
2’’ x 0.87’’ x 0.031’’
(50mm x 22mm x 0.78mm)
Antenna Color
Black
Operating / Storage Temperature
-40
oC to +125oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT10064-S1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
   Dual-band Wi-Fi / WLAN Antenna
WPANT10062-S3A WPI-WPANT10062-S3A Datasheet
78Kb / 2P
   Dual-band Wi-Fi / WLAN Antenna
WPANT10065 WPI-WPANT10065 Datasheet
64Kb / 2P
   Wi-Fi / BT and NFC Dual Antenna
WPANT10065-S1A WPI-WPANT10065-S1A Datasheet
64Kb / 2P
   Wi-Fi / BT and NFC Dual Antenna
WPANT10066 WPI-WPANT10066 Datasheet
162Kb / 3P
   Bluetooth / BLE / Wi-Fi / Zigbee Embedded Antenna
More results

Similar Description - WPANT10064-S1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10062 WPI-WPANT10062 Datasheet
78Kb / 2P
   Dual-band Wi-Fi / WLAN Antenna
WPANT10010 WPI-WPANT10010 Datasheet
125Kb / 2P
   Wi-Fi / ZigBee / WLAN Dual-band Miniature Antenna
WPANT10010-S1A WPI-WPANT10010-S1A Datasheet
131Kb / 2P
   Wi-Fi / ZigBee / WLAN Dual-band Miniature Antenna
WPANT30127 WPI-WPANT30127 Datasheet
63Kb / 2P
   Omni-directional Antenna ??Wi-Fi / WLAN Dual-band
WPANT30169 WPI-WPANT30169 Datasheet
244Kb / 2P
   Body-mount Antenna ??Wi-Fi / WLAN Dual-band
WPANT10043 WPI-WPANT10043 Datasheet
85Kb / 2P
   Wi-Fi / ZigBee / WLAN Antenna
WPANT30089-S1B WPI-WPANT30089-S1B Datasheet
141Kb / 3P
   5 dBi Wi-Fi / WLAN Dual-band Body-mount Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
   Wi-Fi Dual-band Stubby Antenna
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
   Dual-band Wi-Fi Embedded Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com