Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT10058 Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT10058
Description  ISM 900 MHz Miniature Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10058 Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT10058 Datasheet HTML 1Page - World Produts Inc. WPANT10058 Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
March 4, 2016
Page | 1
WPANT10058
ISM 900 MHz Miniature Antenna
WPANT10058-S1B
6’’ micro co-ax with IPX MHF
Note: Different cable and connector style requests can be accommodated.
Application
This plug and play compact antenna is a very convenient solution to transmit or receive 900 MHz ISM signals. This antenna can also
be mounted on metallic surfaces with little sacrifice in performance.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
troubleshoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
900 – 930 MHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR (Typical)
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
Efficiency [%] (Typical)
55%
Polarization
Linear
Pattern
Near Omni-directional
Mechanical / Environmental Properties
Antenna Dimensions
1.7’’ x 0.8’’ x 0.26’’ (Including 3M tape thickness)
Antenna Color
Black
Tape
45 mils 3M VHB double stick
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT10058

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10050 WPI-WPANT10050 Datasheet
151Kb / 3P
   Dual-band Wi-Fi Embedded Antenna
WPANT10050-C1A WPI-WPANT10050-C1A Datasheet
158Kb / 3P
   Dual-band Wi-Fi Embedded Antenna
WPANT10051 WPI-WPANT10051 Datasheet
155Kb / 3P
   Horizontally Polarized Wi-Fi Embedded Antenna
WPANT10051-C1A WPI-WPANT10051-C1A Datasheet
279Kb / 5P
   2.4 GHz Wi-Fi Horizontally Polarized Embedded Antenna
WPANT10051-C1A WPI-WPANT10051-C1A Datasheet
155Kb / 3P
   Horizontally Polarized Wi-Fi Embedded Antenna
More results

Similar Description - WPANT10058

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3012 PULSE-W3012 Datasheet
1Mb / 5P
   ISM 900 MHz Ceramic Antenna
logo
World Produts Inc.
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
   900 MHz ISM Band Whip / Stubby Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
   900 MHz ISM band Omni-directional Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
   900 MHz ISM band Directional Panel Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
   900 MHz ISM band Stamped Metal Embedded Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
   800 / 900 MHz ISM Band and GSM Embedded Antenna
WPANT40011-SC WPI-WPANT40011-SC Datasheet
337Kb / 2P
   900 / 2400 MHz ISM Dual Band Wrap-Around AMI Antenna
logo
TEMIC Semiconductors
U2762B TEMIC-U2762B Datasheet
299Kb / 9P
   900-MHz ISM Band Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com