Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTLV75710PDBVR Datasheet(PDF) 10 Page - Texas Instruments

Part # PTLV75710PDBVR
Description  1-A, Low IQ, Small Size, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTLV75710PDBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTLV75710PDBVR Datasheet HTML 6Page - Texas Instruments PTLV75710PDBVR Datasheet HTML 7Page - Texas Instruments PTLV75710PDBVR Datasheet HTML 8Page - Texas Instruments PTLV75710PDBVR Datasheet HTML 9Page - Texas Instruments PTLV75710PDBVR Datasheet HTML 10Page - Texas Instruments PTLV75710PDBVR Datasheet HTML 11Page - Texas Instruments PTLV75710PDBVR Datasheet HTML 12Page - Texas Instruments PTLV75710PDBVR Datasheet HTML 13Page - Texas Instruments PTLV75710PDBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Graph Placeholder
C00
10
TLV757P
SBVS322 – OCTOBER 2017
www.ti.com
Product Folder Links: TLV757P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 Input and Output Capacitor Selection
The TLV757P requires an output capacitance of 0.47 μF or larger for stability. Use X5R- and X7R-type ceramic
capacitors because these capacitors have minimal variation in capacitance value and equivalent series
resistance (ESR) over temperature. When selecting a capacitor for a specific application, consider the DC bias
characteristics for the capacitor. Higher output voltages cause a significant derating of the capacitor. As a
general rule, ceramic capacitors must be derated by 50%. For best performance, TI recommends a maximum
output capacitance value of 200 µF.
Place a 1-µF capacitor on the input pin of the LDO . Some input supplies have a high impedance, which places
the input capacitor on the input supply, which reduces the input impedance. This capacitor counteracts reactive
input sources and improves transient response and PSRR. If the input supply has a high impedance over a large
range of frequencies, several input capacitors are used in parallel to lower the impedance over frequency. Use a
higher-value capacitor if large, fast, rise-time load transients are expected, or if the device is located several
inches from the input power source.
8.1.2 Dropout Voltage
Use a PMOS pass transistor achieve low dropout. When (VIN – VOUT) is less than the dropout voltage (VDO), the
PMOS pass device is in the linear region of operation and the input-to-output resistance is the RDS(ON) of the
PMOS pass element. VDO scales linearly with the output current because the PMOS device functions like a
resistor in dropout mode. As with any linear regulator, PSRR and transient response degrade as (VIN – VOUT)
approaches dropout operation. See Figure 7 for typical dropout values.
Figure 7. Dropout vs VIN
8.1.3 Exiting Dropout
Some applications have transients that place the LDO into dropout, such as slower ramps on VIN for start-up. As
with other LDOs, the output overshoots on recovery from these conditions. A ramping input supply causes an
LDO to overshoot on start-up when the slew rate and voltage levels are in the correct range, as Figure 8 shows.
Use an enable signal to avoid this condition.


Similar Part No. - PTLV75710PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTLV75710PDBVR TI1-PTLV75710PDBVR Datasheet
2Mb / 34P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
More results

Similar Description - PTLV75710PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV757P TI1-TLV757P_18 Datasheet
2Mb / 34P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
TLV757P_018 TI1-TLV757P_018 Datasheet
2Mb / 38P
[Old version datasheet]   1-A, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TPS7A05 TI1-TPS7A05_19 Datasheet
4Mb / 52P
[Old version datasheet]   1-關A Ultralow IQ, 200-mA, Low-Dropout Regulator in a Small-Size Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com