Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1N5379B Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. 1N5379B
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo 

1N5379B Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PW,PULSE WIDTH(ms)
Vz,ZENER VOLTAGE(VOLTS)
FIG.6 -- PEAK SURGE CURRENT VERSUS PULSE WIDTH
Vz,ZENER VOLTAGE(VOLTS)
FIG.7 -- ZENER VOLTAGE VERSUS ZENER CURRENT
Vz=6.8 THRU 10 VOLTS
FIG.8 -- ZENER VOLTAGE VERSUS ZENER CURRENT
Vz=11 THRU 75 VOLTS
FIG.9 -- ZENER VOLTAGE VERSUS ZENER CURRENT
Vz=82 THRU 200 VOLTS
Vz,ZENER VOLTAGE(VOLTS)
.1
110
1000
100
.2
.5
1
20
10
5
2
30
VZ=6.8V
VZ=200V
100
1
10
.1
12
4
310
1000
57
68
9
T=25℃
Tc=25℃
100
1
10
.1
10
20
40
30
1000
50
70
60
80
T=25℃
100
1
10
.1
80
100
140
120
1000
160
200
180
220
Ratings AND Charactieristic Curves
1N5333B-1N5388B
Zener Diodes
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn